Electronic Components Datasheet Search
  English  ▼

X  

WH40 Datasheet(PDF) 1 Page - Weller Tools

Part # WH40
Description  SOLDERING STATIONS & ACCESSORIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

WH40 Datasheet(HTML) 1 Page - Weller Tools

  WH40 Datasheet HTML 1Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
175
SOLDERING STATIONS
& ACCESSORIES
Temperature Controlled Soldering Stations
Temperature Controlled Digital Soldering Stations
• The temperature range can be controlled between 200°C
and 450°C. The WHS40 soldering station from Weller rules
out the risk of temperature shocks which can occur with
conventional soldering bits
• Desired temperatures can be set precisely in such a
way that you no longer have to worry about overheating
sensitive areas
• Consist of power unit, soldering iron with nickel-plated
tip 2,0 mm and support
Weight
Shelf
Type
Code No.
Watts
Volts
Hz
g
Pack
WHS40
0056806699
40
230
50
1460
1
WHS40 (GB)
0056806399
40
230
50
1488
1
• The new electronically controlled soldering station WHS40D
operates with a temperature range of 150°C - 450°C
• The precise soldering tip temperature shows on the digital
read-out (pre-set and real value)
• This soldering station is suitable for delicate soldering tasks
on temperature sensitive components
• LED to monitor the heater is integrated in the display
• The temperature adjusts via buttons
• Consist of power unit, soldering iron with longlife
tip 2,0 mm and support
• Available June 2003
Weight
Shelf
Type
Code No.
Watts
Volts
Hz
g
Pack
WHS40D
0056828699
40
230
50
1460
1
WHS40D (GB)
0056828399
40
230
50
1490
1
Straight Tips for Soldering Stations WHS40 and WHS40D
Spare Parts for Soldering Stations WHS40 and WHS40D
Nickel
Diameter
Width
Shelf
Type
Code No.
Packed
plated
Longlife
mm
mm
Pack
43113
0054311399
Polybag
x
3,5
2,0
1
S3
0054003499
Carded
x
3,5
3,5
6
S31
0054321099
Carded
x
3,5
0,4
6
S32
0054321199
Carded
x
3,5
2,0
6
(S3 = 3 tips on card)
Weight
Shelf
Type
Code No.
Description
g
Pack
WH40
0056810699
Soldering Iron with tip 43113
116
1
0058743708
Sponge (2 pcs.)
5
1
0058743709
Spring with funnel
35
1


Similar Part No. - WH40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH4002 ETC-WH4002 Datasheet
303Kb / 1P
LCD MODULE CHARACTER 40 X 2
logo
DB Lectro Inc
WH4002A DBLECTRO-WH4002A Datasheet
768Kb / 2P
5x8 dots includes cursor
logo
List of Unclassifed Man...
WH4004 ETC-WH4004 Datasheet
107Kb / 1P
5 X 8 DOTS INCLUDES CURSOR
logo
DB Lectro Inc
WH4004A DBLECTRO-WH4004A Datasheet
776Kb / 2P
5x8 dots includes cursor
More results

Similar Description - WH40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
PCS Base Stations
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
PCS Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
PCS Base Stations
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
Base Stations
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Vectron International, ...
MX-042 VECTRON-MX-042 Datasheet
241Kb / 5P
LTE Base Stations
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
Soldering methods
logo
PHOENIX CONTACT
CRIMPFOX-MT-2 PHOENIX-CRIMPFOX-MT-2 Datasheet
49Kb / 2P
Four different die stations
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com