Electronic Components Datasheet Search
  English  ▼

X  

3002002 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3002002
Description  E AB A 85X83X60 6TB - Junction box
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002002 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3002002 Datasheet HTML 1Page - PHOENIX CONTACT 3002002 Datasheet HTML 2Page - PHOENIX CONTACT 3002002 Datasheet HTML 3Page - PHOENIX CONTACT 3002002 Datasheet HTML 4Page - PHOENIX CONTACT 3002002 Datasheet HTML 5Page - PHOENIX CONTACT 3002002 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Terminal box
Insulation characteristics
Protection class
II
Dimensions
Dimensional drawing
Width
85 mm
Height
83 mm
Depth
60 mm
Material specifications
Color
gray
Material
ABS
Flammability rating according to UL 94
UL-94 HB
Seal material
Silicon
Type of insulation
full protective insulation
Components
halogen-free
Mechanical properties
General
Type of locking (GRP)
Screw-on cover Phillips-Recess
Environmental and real-life conditions
Degree of protection (IP code)
Degree of protection
IP67
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Mounting
Assembly note
Screw connection in housing base
E AB A 85X83X60 6TB - Junction box
3002002
https://www.phoenixcontact.com/us/products/3002002
Aug 25, 2025, 5:40AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com