Electronic Components Datasheet Search
  English  ▼

X  

G340 Datasheet(PDF) 1 Page - Multicomp Pro

Part # G340
Description  Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G340 Datasheet(HTML) 1 Page - Multicomp Pro

  G340 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/09/20
Enclosures
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Part Number Table
Description
Part Number
Box, Polycarbonate, IP65, Grey
G223
Box, ABS, IP65, Grey
G340
Specifications:
Enclosure Type
: Multipurpose
Body Colour
: Grey
Operating Temperature
: -40°C to +100°C
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram


Similar Part No. - G340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G340 ETC1-G340 Datasheet
60Kb / 2P
Multipurpose Enclosures
logo
Multicomp Pro
G340 MULTICOMP-G340 Datasheet
176Kb / 1P
Multipurpose Enclosures
09/10/20 V1.0
logo
GTM CORPORATION
G3400 GTM-G3400 Datasheet
278Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3400 ETL-G3400 Datasheet
293Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - G340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
logo
Hammond Manufacturing L...
1590A HAMMOND-1590A Datasheet
252Kb / 1P
Enclosures Box
1590N1 HAMMOND-1590N1 Datasheet
215Kb / 1P
Enclosures Box
1590T HAMMOND-1590T Datasheet
239Kb / 1P
Enclosures Box
1590XX HAMMOND-1590XX Datasheet
390Kb / 1P
Enclosures Box
logo
PHOENIX CONTACT
3778 PHOENIX-3778 Datasheet
2Mb / 12P
Electronic enclosures
2018-04-26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com