Electronic Components Datasheet Search
  English  ▼

X  

AB38S-Q Datasheet(PDF) 2 Page - Comus International

Part # AB38S-Q
Description  AEC-Q101 Certified - 1 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AB38S-Q Datasheet(HTML) 2 Page - Comus International

  AB38S-Q Datasheet HTML 1Page - Comus International AB38S-Q Datasheet HTML 2Page - Comus International AB38S-Q Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ITEM
SYMBOL
VALUE
Input
Continuous LED Current
IF
50 mA
Peak LED Current
IFP
500 mA
LED Reverse Voltage
VR
5 V
Input Power Dissipation
PIn
75 mW
Output
Load Voltage
VL
600 V (AC peak or DC)
Load Current
IL
70 mA
Peak Load Current (1 ms, 1 shot)
IPeak
200 mA
Output Power Dissipation
POut
300 mW
Total Power Dissipation
PT
350 mW
I/O Breakdown Voltage
VI/O
1500 Vrms Min
Operating Temperature
TOpr
-40°C ~ +105°C
Storage Temperature
TStg
-40°C ~ +125°C
ITEM
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input
LED Forward Voltage
VF
0.9
1.17
1.3
V
IF = 10 mA
Operation LED Current
IF On
1
5
mA
Recovery LED Voltage
VF Off
0.5
1
V
Output
On-Resistance Drain to Drain ROn
40
60
Ω
IF = 5 mA, IL = Rated Current
Time to flow is within 1 sec.
Off-State Leakage Current
ILeak
1
μ A
VL = 600 V
Output Capacitance
COut
47
pF
VL = 0 V, f = 1 MHz
Transmission
Turn-On Time
TOn
0.2
0.5
ms
IF = 5 mA
IL = Rated Current
Turn-Off Time
TOff
0.08
0.2
ms
Coupled
I/O Insulation Resistance
RI/O
109
Ω
I/O Capacitance
CI/O
1.3
pF
f = 1 MHz
ABSOLUTE MAXIMUM RATINGS
AMBIENT TEMPERATURE: 25°C
ELECTRICAL SPECIFICATIONS
AMBIENT TEMPERATURE: 25°C
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 0 - Date: Sept/1/2016 - Signature: BR
Part Number: AB38S-Q
AEC-Q101 Certified - 1 Form A - PhotoDMOS Relays
Product Data Sheet
Relays
600 VOLTS
AEC-Q101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com