Electronic Components Datasheet Search
  English  ▼

X  

2SC4407 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4407
Description  VHF/UHF Mixer, Local Oscillator Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4407 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4407 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4407 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4407 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4407 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4407 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
VHF/UHF Mixer,
Local Oscillator Applications
Ordering number:EN2760
2SC4407
D1598HA (KT)/4298TA, TS No.2760–1/5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2059B
[2SC4407]
Applications
· VHF/UHF mixers, frequency converters, local
oscillators.
Features
· High cutoff frequency : fT=3.0GHz typ
· High power gain : PG=12dB typ (f=0.9GHz)
· Small noise figure : NF=3.0dB typ (f=0.9GHz)
· Very small-sized package permitting 2SC4407-
applied sets to be made smaller and slimmer.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Emitter
3 : Collector
SANYO : MCP
* : The 2SC4407 is classified by 5mA hFE as follows :
(Note) Marking : KY
hFE rank : 2, 3, 4
• For CP package version, use the 2SC4270.
0
8
2
0
40
2
1
3
0
60
0
2
4
0
0
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
1
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
2
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
0
1
=
C
A
m
5
=
*
0
4*
0
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
0
1
=
5
.
10
.
3z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
=
7
.
00
.
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
RC e
r
V B
C
z
H
M
1
=
f
,
V
0
1
=
5
4
.
0F
p
0.3
0.65
0.65
2.0
0.15
0~0.1
0.3
0.6
0.9
12
3


Similar Part No. - 2SC4407

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
More results

Similar Description - 2SC4407

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347 Datasheet
187Kb / 3P
TRANSISTOR (TV UHF OSCILLATOR, TV VHF MIXER APPLICATIONS)
logo
Sanyo Semicon Device
2SA1778 SANYO-2SA1778 Datasheet
113Kb / 5P
VHF Converter, Local Oscillator Applications
2SC3770 SANYO-2SC3770 Datasheet
67Kb / 3P
UHF,VHF Oscillator, Mixer, HF Amp Applications
2SC3771 SANYO-2SC3771 Datasheet
103Kb / 4P
UHF,VHF Oscillator, Mixer, HF Amp Applications?
2SC4269 SANYO-2SC4269 Datasheet
105Kb / 4P
VHF Converter, Local Oscillator Applications
2SC4401 SANYO-2SC4401 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications
2SC4402 SANYO-2SC4402 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications?
2SC4403 SANYO-2SC4403 Datasheet
100Kb / 4P
VHF/UHF Local Oscillator Applications?
2SC4406 SANYO-2SC4406 Datasheet
95Kb / 4P
VHF Frequency Mixer, Local Oscillator Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com