Electronic Components Datasheet Search
  English  ▼

X  

FE50M Datasheet(PDF) 1 Page - Weller Tools

Part # FE50M
Description  Soldering Tips and Nozzles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

FE50M Datasheet(HTML) 1 Page - Weller Tools

  FE50M Datasheet HTML 1Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For use with: TCP 12, 24, 42, 48, 55, TCPS, FE 50 M
Longlife soldering tips are made of pure copper and then iron plated.
With proper care they are always wettable. Special tips and tips with
one side wettable on request. Effective temperatures may vary ± 3%
.
Model
Width A
Tickness B
Order-No. with standard
temperature range
mm
mm
260°C
310°C
370°C
425°C
480°C
Chisel tip
0.8
0,4
P
PTT--H
H 5
5
P
PTT--H
H 6
6
P
PTT--H
H 7
7
P
PTT--H
H 8
8
--
5 41 115 99
5 41 116 99
5 41 117 99
5 41 118 99
1.6
0,7
P
PTT--A
A 5
5
P
PTT--A
A 6
6
P
PTT--A
A 7
7
P
PTT--A
A 8
8
--
5 41 125 99
5 41 126 99
5 41 127 99
5 41 128 99
2.4
0,8
P
PTT--B
B 5
5
P
PTT--B
B 6
6
P
PTT--B
B 7
7
P
PTT--B
B 8
8
P
PTT--B
B 9
9
5 41 135 99
5 41 136 99
5 41 137 99
5 41 138 99
5 41 139 99
3.2
0,8
P
PTT--C
C 5
5
P
PTT--C
C 6
6
P
PTT--C
C 7
7
P
PTT--C
C 8
8
P
PTT--C
C 9
9
5 41 145 99
5 41 146 99
5 41 147 99
5 41 148 99
5 41 149 99
Chisel tip
4.6
0.8
P
PTT--D
D 5
5
P
PTT--D
D 6
6
P
PTT--D
D 7
7
P
PTT--D
D 8
8
P
PTT--D
D 9
9
5 41 155 99
5 41 156 99
5 41 157 99
5 41 158 99
5 41 159 99
5.6
1,2
--
P
PTT--EE 6
6
P
PTT--EE 7
7
P
PTT--EE 8
8
P
PTT--EE 9
9
-
-
5 41 167 99
5 41 168 99
5 41 169 99
Long tip
1.2
0,4
P
PTT--K
K 5
5
P
PTT--K
K 6
6
P
PTT--K
K 7
7
P
PTT--K
K 8
8
--
5 41 175 99
5 41 176 99
5 41 177 99
5 41 178 99
2.0
1,0
P
PTT--LL 5
5
P
PTT--LL 6
6
P
PTT--LL 7
7
P
PTT--LL 8
8
--
5 41 185 99
5 41 186 99
5 41 187 99
5 41 188 99
3.2
1,2
P
PTT--M
M 5
5
P
PTT--M
M 6
6
P
PTT--M
M 7
7
P
PTT--M
M 8
8
P
PTT--M
M 9
9
5 41 195 99
5 41 196 99
5 41 197 99
5 41 198 99
5 41 199 99
Round tip
ø 2.4
-
-
P
PTT--B
BS
S 7
7
P
PTT--B
BS
S 8
8
P
PTT--B
BS
S 9
9
5 41 207 99
5 41 208 99
5 41 209 99
ø 3.2
-
-
P
PTT--C
CS
S 7
7
P
PTT--C
CS
S 8
8
P
PTT--C
CS
S 9
9
5 41 217 99
5 41 218 99
5 41 219 99
ø 5.0
-
-
P
PTT--D
DS
S 7
7
P
PTT--D
DS
S 8
8
P
PTT--D
DS
S 9
9
5 41 227 99
5 41 228 99
5 41 229 99
Round tip,
1.2
P
PTT--FF 5
5
P
PTT--FF 6
6
P
PTT--FF 7
7
P
PTT--FF 8
8
P
PTT--FF 9
9
spade
5 41 235 99
5 41 236 99
5 41 237 99
5 41 238 99
5 41 239 99
1.6
P
PTT--A
AA
A 5
5
P
PTT--A
AA
A 6
6
P
PTT--A
AA
A 7
7
P
PTT--A
AA
A 8
8
P
PTT--A
AA
A 9
9
5 41 245 99
5 41 246 99
5 41 247 99
5 41 248 99
5 41 249 99
2.4
P
PTT--B
BB
B 5
5
P
PTT--B
BB
B 6
6
P
PTT--B
BB
B 7
7
P
PTT--B
BB
B 8
8
P
PTT--B
BB
B 9
9
5 41 255 99
5 41 256 99
5 41 257 99
5 41 258 99
5 41 259 99
3.2
-
-
P
PTT--C
CC
C 7
7
P
PTT--C
CC
C 8
8
P
PTT--C
CC
C 9
9
5 41 267 99
5 41 268 99
5 41 269 99
5.0
-
-
P
PTT--D
DD
D 7
7
P
PTT--D
DD
D 8
8
P
PTT--D
DD
D 9
9
5 41 277 99
5 41 278 99
5 41 279 99
Long tip, conical
0.8
P
PTT--O
O 5
5
P
PTT--O
O 6
6
P
PTT--O
O 7
7
P
PTT--O
O 8
8
--
5 41 285 99
5 41 286 99
5 41 287 99
5 41 288 99
0.4
--
--
P
PTT--S
S 7
7
P
PTT--S
S 8
8
--
5 41 367 99
5 41 368 99
Chisel tip
1.6
0,7
P
PTT--R
R 5
5
P
PTT--R
R 6
6
P
PTT--R
R 7
7
P
PTT--R
R 8
8
-
5 41 295 99
5 41 296 99
5 41 297 99
5 41 298 99
Chisel tip, slightly
3.2
1,2
P
PTT--M
MX
X 5
5
P
PTT--M
MX
X 6
6
P
PTT--M
MX
X 7
7
P
PTT--M
MX
X 8
8
-
bent, one side
5 41 305 99
5 41 306 99
5 41 307 99
5 41 308 99
wettable
P
PTT--P
P 7
7
5 41 347 99
Tool for tip exchange
(part of the cleaning tool)
5 87 060 43
Weller®
Soldering Tips and Nozzles
124
PT-Series
Scope of delivery TCP 12, 24, 42, 48, 55, TCPS, FE 50 M
1
1
1
1
Forward
Back
Home
Print
Contents
Search Weller Search Catalogue
Help


Similar Part No. - FE50M

ManufacturerPart #DatasheetDescription
logo
Weller Tools
FE50M WELLER-FE50M Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
FE50M WELLER-FE50M Datasheet
68Kb / 1P
Temperature control switch
FE50MUK WELLER-FE50MUK Datasheet
68Kb / 1P
Temperature control switch
More results

Similar Description - FE50M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
logo
GIACOMINI WATER E-MOTIO...
A7A GIACOMINI-A7A Datasheet
836Kb / 2P
Adjustable fog nozzles
logo
Toshiba Semiconductor
42HL196 TOSHIBA-42HL196 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com