Electronic Components Datasheet Search
  English  ▼

X  

PFHDF Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # PFHDF
Description  PROLINE G2 External Components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PFHDF Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  PFHDF Datasheet HTML 1Page - Pentair plc. All rights reserved. PFHDF Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROLINE G2 ExtERNaL COmPONENts Handles and locks
Spec-01191 A
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
mOduLaR ENCLOsuRE sOLutIONs
2
KEy INsERts
Key Inserts are used with Flush
Bezels. Optional for any solid,
window and disconnect door. Key
Inserts are zinc die-cast. A matching
key is included.
Bulletin: p20, p20S
Catalog Number
Description
PKOTM7
7-mm triangle
PKOTM8
8-mm triangle
PKOTM65
CNOMO
PKOSM7
7-mm square
PKOSM8
8-mm square
PKODBK3
Double-bit with 3-mm pin
PKODBK3SS
Double-bit insert
PadLOCK KIt
The kit adds a padlocking capability
to any of the Flush Swing Handles
(except for Small Flush Swing
Handle). Field modification of the
flush handle is required. Includes
a stainless steel locking post that
will accommodate up to a 5/16-in.
padlock shackle.
Bulletin: p20
Catalog Number
Description
PFHPK
Padlock Kit
dIN LOCK INsERts (FOR dIN PROFILE haNdLE ONLy)
The DIN profile keylock provides
keylocking security for the Flush
Swing Handle with DIN provision.
Includes profile lock and two keys.
Order one profile lock for each
handle.
DIN Lock Kit for PROLINE DataCom
doors includes two locks keyed alike
with one of 100 different key codes
and two keys (master key available).
All DIN Lock Inserts are zinc die-cast.
Bulletin: DpY, p20
Catalog Number
Description
PKOSLFH
Slotted insert profile cylinder
PKOTM7FH
7-mm triangle insert profile cylinder
PKOSM7FH
7-mm square insert profile cylinder
PKOTM8FH
8-mm triangle insert profile cylinder
PKODBK3FH
Double-bit 3-mm insert profile cylinder
PDKL
DIN keylock, 2 keys included, key code 333
PDKLRKPR
DIN Lock Kit for PROLINE DataCom doors
DIN profile inserts are used with DIN flush swing handles. One key is included (except for slotted insert).
smaLL FLush swING haNdLE
Small Flush Swing Handles are used on smaller doors (doors
less than 800mm in height that have two-point latching). Handles
are ergonomically designed to provide style and function in a
low profile. They can be installed to rotate either clockwise or
counterclockwise. The shape of the design provides aesthetic
compatibility with the Flush Swing Handles. This handle includes
keylocking provision, two keys, provision to add your logo and is
furnished in RAL 9005 textured black polyester powder paint.
Bulletin: p20
Catalog Number
Description
PSHKBL
One handle and two keys



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com