Electronic Components Datasheet Search
  English  ▼

X  

ASE6X4X4 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # ASE6X4X4
Description  Type 1 Boxes and Enclosures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

ASE6X4X4 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  ASE6X4X4 Datasheet HTML 1Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 2Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 3Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 4Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 5Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 6Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 7Page - Pentair plc. All rights reserved. ASE6X4X4 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS
Spec-00258 I
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
conTracTor
1
Spec-00258
I763.422.2211
763.422.2600
conTracTor
Type 1 Boxes and enclosures
screw-cover Type 1 pull Boxes and accessories
screw-cover, Type 1
IndusTry sTandards
UL 50, 50E Listed; Type 1; File No. E27525
cUL Listed per CSA C22.2 No 40; Type 1; File No. E27525
NEMA/EEMAC Type 1
IEC 60529, IP30
applIcaTIon
Use this enclosure in commercial and general industrial
applications that require a junction or pull box. For flush
installations, order flush covers and door frames separately.
FeaTures
•
Unique keyhole screw slots in the cover
•
Available with or without knockouts. Various sizes of easy-to-
remove concentric knockouts on all four sides of standard boxes
with knockouts.
•
Optional flush-mounted door frame available
•
Optional flush covers
•
Flat, removable covers fastened with plated steel screws
•
Provision for grounding
•
Mounting holes on back of box
specIFIcaTIons
•
16, 14 or 12 gauge steel or plated steel
FInIsH
ANSI 61 gray polyester powder paint finish inside and out. Unless
otherwise specified, all custom pull boxes are finished with ANSI 61
gray polyester powder paint.
accessorIes
Flush Covers
Flush-Mount Door Frames
Grounding Device
Type 1 Locking Window Pull Box Accessory
Touch-Up Paint
BulletIn: A90p1
Standard Product
  screw-cover Type 1 pull Boxes with Knockouts
Catalog Number
AxBxC in.
AxBxC mm
Style
Number of
Cover Screws
Knockout Pattern
Along “A” Sides
Knockout Pattern
Along “B” Sides
ASE4X4X3
4.00 x 4.00 x 3.00
102 x 102 x 76
Painted
2
B-C
B-C
ASG4X4X3
4.00 x 4.00 x 3.00
102 x 102 x 76
Galvanized
2
B-C
B-C
ASE6X6X3
6.00 x 6.00 x 3.00
152 x 152 x 76
Painted
2
B-C-D
B-C-D
ASG6X6X3
6.00 x 6.00 x 3.00
152 x 152 x 76
Galvanized
2
B-C-D
B-C-D
ASE8X6X3
8.00 x 6.00 x 3.00
203 x 152 x 76
Painted
2
F-G-H-I
B-C-D
ASG8X6X3
8.00 x 6.00 x 3.00
203 x 152 x 76
Galvanized
2
F-G-H-I
B-C-D
ASE16X14X3
16.00 x 14.00 x 3.00
406 x 356 x 76
Painted
4
B-C-D-E-F-G-H
B-C-D-E-F-G-H
ASE18X14X3
18.00 x 14.00 x 3.00
457 x 356 x 76
Painted
4
A-B-C-D-E-F-G-H-I
B-C-D-E-F-G-H
ASE4X4X4
4.00 x 4.00 x 4.00
102 x 102 x 102
Painted
2
B-C
B-C
ASG4X4X4
4.00 x 4.00 x 4.00
102 x 102 x 102
Galvanized
2
B-C
B-C
ASE6X4X4
6.00 x 4.00 x 4.00
152 x 102 x 102
Painted
2
B-C-D
B-C
ASG6X4X4
6.00 x 4.00 x 4.00
152 x 102 x 102
Galvanized
2
B-C-D
B-C
ASE6X6X4
6.00 x 6.00 x 4.00
152 x 152 x 102
Painted
2
B-C-D
B-C-D
ASG6X6X4
6.00 x 6.00 x 4.00
152 x 152 x 102
Galvanized
2
B-C-D
B-C-D
ASE8X6X4
8.00 x 6.00 x 4.00
203 x 152 x 102
Painted
2
F-G-H-I
B-C-D
ASG8X6X4
8.00 x 6.00 x 4.00
203 x 152 x 102
Galvanized
2
F-G-H-I
B-C-D
ASE8X8X4
8.00 x 8.00 x 4.00
203 x 203 x 102
Painted
4
F-G-H-I
F-G-H-I
ASG8X8X4
8.00 x 8.00 x 4.00
203 x 203 x 102
Galvanized
4
F-G-H-I
F-G-H-I
ASE10X8X4
10.00 x 8.00 x 4.00
254 x 203 x 102
Painted
4
F-G-H-I
F-G-H-I
ASG10X8X4
10.00 x 8.00 x 4.00
254 x 203 x 102
Galvanized
4
F-G-H-I
F-G-H-I
ASE10X10X4
10.00 x 10.00 x 4.00
254 x 254 x 102
Painted
4
F-G-H-I
C-D-E-F-G
ASG10X10X4
10.00 x 10.00 x 4.00
254 x 254 x 102
Galvanized
4
F-G-H-I
C-D-E-F-G
ASE12X8X4
12.00 x 8.00 x 4.00
305 x 203 x 102
Painted
4
C-D-E-F-G
F-G-H-I
ASG12X8X4
12.00 x 8.00 x 4.00
305 x 203 x 102
Galvanized
4
C-D-E-F-G
F-G-H-I
ASE12X10X4
12.00 x 10.00 x 4.00
305 x 254 x 102
Painted
4
C-D-E-F-G
C-D-E-F-G
ASG12X10X4
12.00 x 10.00 x 4.00
305 x 254 x 102
Galvanized
4
C-D-E-F-G
C-D-E-F-G
ASE12X12X4
12.00 x 12.00 x 4.00
305 x 305 x 102
Painted
4
C-D-E-F-G
C-D-E-F-G
ASG12X12X4
12.00 x 12.00 x 4.00
305 x 305 x 102
Galvanized
4
C-D-E-F-G
C-D-E-F-G
ASE16X12X4
16.00 x 12.00 x 4.00
406 x 305 x 102
Painted
4
B-C-D-E-F-G-H
C-D-E-F-G
ASG16X12X4
16.00 x 12.00 x 4.00
406 x 305 x 102
Galvanized
4
B-C-D-E-F-G-H
C-D-E-F-G
ASE18X12X4
18.00 x 12.00 x 4.00
457 x 305 x 102
Painted
4
A-B-C-D-E-F-G-H-I
C-D-E-F-G
ASG18X12X4
18.00 x 12.00 x 4.00
457 x 305 x 102
Galvanized
4
A-B-C-D-E-F-G-H-I
C-D-E-F-G
ASE18X18X4
18.00 x 18.00 x 4.00
457 x 457 x 102
Painted
4
A-B-C-D-E-F-G-H-I
A-B-C-D-E-F-G-H-I
ASG18X18X4
18.00 x 18.00 x 4.00
457 x 457 x 102
Galvanized
4
A-B-C-D-E-F-G-H-I
A-B-C-D-E-F-G-H-I
ASE24X12X4
24.00 x 12.00 x 4.00
610 x 305 x 102
Painted
4
A-B-C-D-E-F-G-H-I
C-D-E-F-G
ASE24X24X4
24.00 x 24.00 x 4.00
610 x 610 x 102
Painted
4
A-B-C-D-E-F-G-H-I
A-B-C-D-E-F-G-H-I
ASG24X24X4
24.00 x 24.00 x 4.00
610 x 610 x 102
Galvanized
4
A-B-C-D-E-F-G-H-I
A-B-C-D-E-F-G-H-I
ASE30X24X4
30.00 x 24.00 x 4.00
762 x 610 x 102
Painted
6
A-B-C-D-E-F-G-H-I
A-B-C-D-E-F-G-H-I


Similar Part No. - ASE6X4X4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ASE62RGL MACOM-ASE62RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE62RGS MACOM-ASE62RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE63RGL MACOM-ASE63RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE63RGS MACOM-ASE63RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
Shanghai Shunye Electro...
ASE65R550E SHUNYE-ASE65R550E Datasheet
2Mb / 14P
MOSFET Silicon N-Channel MOS
More results

Similar Description - ASE6X4X4

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
Potting Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
A8N86 ETC2-A8N86 Datasheet
641Kb / 2P
Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com