Electronic Components Datasheet Search
  English  ▼

X  

PKOSM7 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # PKOSM7
Description  PROLINE G2 External Components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PKOSM7 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  PKOSM7 Datasheet HTML 1Page - Pentair plc. All rights reserved. PKOSM7 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROLINE G2 ExtERNaL COmPONENts Handles and locks
Spec-01191 A
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01191
FLush swING haNdLEs
Flush Handles are optional for any solid, window or disconnect door
greater than 600mm in height, except Voice/Data and Colocation
cabinets. They are ergonomically designed to provide style and
function in a low profile. The handle is die-cast zinc finished with
RAL 9005 textured black polyester powder paint. Provision to
add your logo is included. Handle can be installed to rotate either
clockwise or counterclockwise.
handle with screwdriver defeater
Enclosure security is provided by the integrated tool-to-open
feature that releases the handle when rotated, allowing access to
the enclosure.
handle with Keylock
Keylock feature locks the handle to provide security for the
enclosure. When the key is in the unlocked position, the pushbutton
releases the handle to provide access to the enclosure. Two keys
are furnished.
handle for Padlock
Padlocking Handle provides security when using up to a 5/16-in.
padlock shackle. Pushbutton releases the handle to provide access
to the enclosure.
handle with dIN Profile Provision
DIN Flush Handle is provided with the option to add your DIN profile
lock or to accept Hoffman DIN profile lock PDKL (order separately).
Bulletin: p20
Catalog Number
Description
PFHDF
Flush Handle with Defeater
PFHKBL
Keylocking Flush Handle
PFHPBL
Padlocking Flush Handle
PFHDBL
DIN Profile Flush Handle
L haNdLE
The L Handle is a stylish option for any solid, window or disconnect
door, except Voice/Data or Colocation cabinets. It can be installed to
rotate either clockwise or counterclockwise. Handle comes with a
bezel, includes keylocking provision and is finished with RAL 9005
textured black polyester powder paint. Two keys are included. The
bezel permits your logo to be inserted.
Bulletin: p20
Catalog Number
Description
PLHK
L Handle with 2 keys and logo slot, key code 333
FLush BEzELs
Bezel with Insert
Can be used on any solid, window or disconnect door when a low-
profile, tool-to-open operating mechanism is needed. Bezel is RAL
9005 textured black plastic. Provision to add your logo is included.
Flush bezels are provided with screwdriver slot insert. Other key
inserts are available to fit the flush bezel (order separately).
small Bezel with Insert
Can be used in place of the small Flush Swing Handle when a low-
profile, tool-to-open operating mechanism is needed. Bezel is RAL
9005 textured black plastic. Provision to add your logo is included.
Small flush bezels are furnished with a screwdriver slot insert.
Other key inserts are available to fit the small flush bezel (order
separately).
Bulletin: p20, p20S
Catalog Number
Description
PFBS
Flush Bezel with Insert
PSFBS
Small Flush Bezel with Insert
PFBSSS
Large Flush Bezel with Stainless Steel Insert


Similar Part No. - PKOSM7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKOGTA2 SCHNEIDER-PKOGTA2 Datasheet
105Kb / 1P
EQUIP GRD ASSY 240V 600V 100-200
May 28, 2018
PKOGTA3 SCHNEIDER-PKOGTA3 Datasheet
140Kb / 2P
GDSS EQUIPMENT GROUND ASSY 240V 800A
Jun 16, 2021
PKOGTJ250 SCHNEIDER-PKOGTJ250 Datasheet
87Kb / 2P
Homeline, Enclosure spare parts, grndng kit, 400 to 600 A, 2 to 3 P, set of 2
Apr 19, 2021
More results

Similar Description - PKOSM7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
Minimum External Components
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
Very few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com