Electronic Components Datasheet Search
  English  ▼

X  

UTG22AC Datasheet(PDF) 13 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTG22AC
Description  The plastic circular connector with metal locking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTG22AC Datasheet(HTML) 13 Page - SOURIAU-SUNBANK Connection Technologies

Back Button UTG22AC Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies UTG22AC Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Tooling
Contact size
Part number
Tool with separate locator
Extraction tools
Hand tool
Positioner + locator setting
#12
Ø2.4 mm
82911457N* / 82911456*
M317
VGE10077A
1-2
51060210924
82911459N* / 82911458*
2
82911461N* / 82911460*
2
82911463N* / 82911462*
3
82911465N* / 82911464*
3
82911467N* / 82911466*
4
#8
Ø3.6 mm
82913601A / 82913600A
M317
VGE10078A
3
51060210936
82913603A / 82913602A
3
82913605A / 82913604A
4
82913607A / 82913606A
5
82913609A / 82913608A
6/7
Specific contacts (First mate Last break contacts)
Contact size
Part number*
Hand tools
(SHANDLES) head
Tool with separate locator
Extraction tools
Hand tool
Positioner + locator setting
#16
Ø1 mm
Longer RM
contact
RM28M1GE1K
S16RCM20
-
-
-
RX2025GE1
RM24M9GE1K
RM20M13GE1K
RM16M23GE1K
RM20M12GE1K
S16RCM16
MH860
MH86186
6/8
RM14M30GE1K
S16RCM14
-
-
-
#16
Ø1 mm
Shorter RC
contact
RC28M1GE7K
S16RCM20
MH860
MH86164G
4/6
RC24M9GE7K
5/6
RC20M13GE7K
RC20M12GE7K
5/7
RC16M23GE7K
S16RCM16
6/8
RC14M30GE7K
S16RCM14
M317
UH25
3
Coaxial contacts
Consult us
Crimp Tool Table
Standard contacts
(1) loose contact
* endurance of SHANDLES & Head tools = 50,000 cycles
Contact size
Part number
Head*
Handles*
Extraction tools
#20
Ø1 mm
RM/RC 24W3K
S20RCM
SHANDLES
RX20D44
RM/RC 20W3K
RM/RC 18W3K
SM 24WL3S*(1)
SC 24WL3S*(1)
S20SCM20
SM/SC 20WL3S*(1)
#16
Ø1.6 mm
RM/RC 28M1*
S16RCM20
RX2025GE1
RM/RC 24M9*
RM/RC 20M13*
RM/RC 20M12*
RM/RC 16M23*
S16RCM16
RM/RC 14M30*
S16RCM14
SM/SC 24ML1*(1)
S16SCM20
SM/SC 20ML1*(1)
SM/SC 16ML1*(1)
S16SCML1
SM/SC 14ML1*(1)
SM/SC 16ML11*(1)
S16SCML11
* example of plating, for other plating consult us.
* see page 169 for plating options and other contact details
UTG Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com