Electronic Components Datasheet Search
  English  ▼

X  

TPS22925CYPHT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22925CYPHT
Description  TPS22925 3.6-V, 3-A, 9-mΩ On-Resistance Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22925CYPHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22925CYPHT Datasheet HTML 4Page - Texas Instruments TPS22925CYPHT Datasheet HTML 5Page - Texas Instruments TPS22925CYPHT Datasheet HTML 6Page - Texas Instruments TPS22925CYPHT Datasheet HTML 7Page - Texas Instruments TPS22925CYPHT Datasheet HTML 8Page - Texas Instruments TPS22925CYPHT Datasheet HTML 9Page - Texas Instruments TPS22925CYPHT Datasheet HTML 10Page - Texas Instruments TPS22925CYPHT Datasheet HTML 11Page - Texas Instruments TPS22925CYPHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Input Voltage (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
7
8
9
10
11
12
13
14
15
16
17
18
D005
TA = -40°C
TA = 25°C
TA = 85°C
TA = 105°C
Input Voltage (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
8
10
12
14
16
18
20
22
24
D006
TA = -40°C
TA = 25°C
TA = 85°C
TA = 105°C
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
6
8
10
12
14
16
18
20
22
D003
VIN = 0.65V
VIN = 1.8V
VIN = 3.6V
Output Current (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
9
10
11
12
13
14
15
16
17
18
D004
VIN = 0.65V
VIN = 1.8V
VIN = 3.6V
Input Voltage (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
5
10
15
20
25
30
35
40
45
D001
TA = -40°C
TA = 25°C
TA = 85°C
TA = 105°C
Input Voltage (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
0
0.5
1
1.5
2
2.5
3
3.5
D002
D001
TA = -40°C
TA = 25°C
TA = 85°C
TA = 105°C
8
TPS22925
SLVS840D – NOVEMBER 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VON = 3.6 V
IOUT = 0 A
Figure 3. Quiescent Current vs Input Voltage
VON = 0 V
VOUT = 0 V
Figure 4. Input Shutdown Current vs Input Voltage
VON = 3.6 V
IOUT = –200 mA
Figure 5. On-Resistance vs Temperature
VON = 3.6 V
TA = 25°C
Figure 6. On-Resistance vs Output Current
VON = 3.6 V
IOUT = –200 mA
Figure 7. On-Resistance vs Input Voltage
VON = 3.6 V
IOUT = –3 A
Figure 8. On-Resistance vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com