Electronic Components Datasheet Search
  English  ▼

X  

UTP16DC Datasheet(PDF) 10 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTP16DC
Description  The plastic circular connector with metal locking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTP16DC Datasheet(HTML) 10 Page - SOURIAU-SUNBANK Connection Technologies

Back Button UTP16DC Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies UTP16DC Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Due to the wide variety of applications, contact packaging is offered for small series (bulk package) and high volume production (reeled contacts):
Size contacts #20 (Ø1mm) & #16 (Ø1.6mm)
• 100 pieces bulk package
(Machined contacts)
• 50 pieces bulk package
(Machined contacts)
• 25 pieces loose package
(Stamped & Formed
contacts)
• 1,000 pieces
bulk package
(Machined contacts)
• 2,000 pieces reeled
(Machined contacts)
• 3,000 pieces reeled
(Stamped & Formed
contacts)
Size contacts #12 (Ø2.4mm) & #8 (Ø3.6mm)
Packaging
Electrical characteristics: contact resistance
#20
Ø1mm
Machined
< 6mΩ
Stamped & Formed
< 6mΩ
#16
Ø1.6mm
Machined
< 3mΩ
Stamped & Formed
< 6mΩ
#12
Ø2.4mm
Machined
< 5mΩ
#8
Ø3.6mm
Machined
< 5mΩ
Available platings (contact supplied separately)
A
2μ Ni + 2μ Ag
J
Gold flash over 2μ Ni
K
Min 0.4μ gold over 2μ Ni
S31
Active part: Gold flash over Ni
Crimp area: Nickel
S18
Active part: 0.75μ gold min over 2μ Ni
Crimp area: 1.3μ tin over Ni
Other: Nickel
S25
S26
Active part: 0.75μ Au over Ni
Crimp area: flash Au over Ni
TK6
2-5μ Sn pre-plated
D70
Superseded by S31
S6
Superseded by S18
Other platings on request (contact supplied separately)
T
T: 2μm Ni mini all over +
3 to 5 μm Sn all over
D28
0.75μ gold over Ni
Contact supplied separately
Contact Selector Guide
Note: 1,000 pieces bulk package available by adding 1000 at the end of the part number: e.g. RC16M23K1000
2,000 pieces reeled package available by adding K at the beginning of the part number: e.g. KRC16M23K
UTG Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com