Electronic Components Datasheet Search
  English  ▼

X  

TPS40052PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40052PWPR
Description  WIDE-INPUT SYNCHRONOUS, BUCK CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40052PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40052PWPR Datasheet HTML 18Page - Texas Instruments TPS40052PWPR Datasheet HTML 19Page - Texas Instruments TPS40052PWPR Datasheet HTML 20Page - Texas Instruments TPS40052PWPR Datasheet HTML 21Page - Texas Instruments TPS40052PWPR Datasheet HTML 22Page - Texas Instruments TPS40052PWPR Datasheet HTML 23Page - Texas Instruments TPS40052PWPR Datasheet HTML 24Page - Texas Instruments TPS40052PWPR Datasheet HTML 25Page - Texas Instruments TPS40052PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
TPS40052
SLUS563C − AUGUST 2003 − REVISED FEBRUARY 2005
22
www.ti.com
DESIGN EXAMPLE
D Input Voltage: 10 Vdc to 14.4 Vdc
D Output voltage: 1.25 V ±1% (1.2375 ≤ VO ≤1.2625)
D Output current: 8 A (maximum, steady state), 10 A (surge, 10ms duration, 10% duty cycle maximum)
D Output ripple: 33 mVP-P at 8 A
D Output load response: 0.1 V => 10% to 90% step load change, from 1 A to 7 A
D Operating temperature: −40°C to 85°C
D fSW=170 kHz
1. Calculate maximum and minimum duty cycles
d
MIN +
V
O(min)
V
IN(max)
+ 1.2375
14.4
+ 0.086
d
MAX +
V
O(max)
V
IN(min)
+ 1.2625
10
+ 0.126
2. Select switching frequency
The switching frequency is based on the minimum duty cycle ratio and the propagation delay of the current limit
comparator. In order to maintain current limit capability, the on time of the upper MOSFET, tON, must be greater
than 400 ns (see Electrical Characteristics table). Therefore
V
O(min)
V
IN(max)
+
t
ON
T
SW
or
1
T
SW
+ f
SW +
V
O(min)
V
IN(max)
T
ON
Using 450 ns to provide margin,
f
SW +
0.086
450 ns
+ 191 kHz
Since the oscillator can vary by 10%, decrease fSW, by 10%
f
SW + 0.9
191 kHz
+ 172 kHz
and therefore choose a frequency of 170 kHz.
3. Select
∆I
In this case
∆I is chosen so that the converter enters discontinuous mode at 20% of nominal load.
DI + I
O
2
0.2
+ 8
2
0.2
+ 3.2 A
(40)
(41)
(42)
(43)
(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com