Electronic Components Datasheet Search
  English  ▼

X  

TPS40050PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40050PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40050PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40050PWPR Datasheet HTML 18Page - Texas Instruments TPS40050PWPR Datasheet HTML 19Page - Texas Instruments TPS40050PWPR Datasheet HTML 20Page - Texas Instruments TPS40050PWPR Datasheet HTML 21Page - Texas Instruments TPS40050PWPR Datasheet HTML 22Page - Texas Instruments TPS40050PWPR Datasheet HTML 23Page - Texas Instruments TPS40050PWPR Datasheet HTML 24Page - Texas Instruments TPS40050PWPR Datasheet HTML 25Page - Texas Instruments TPS40050PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
22
LAYOUT CONSIDERATIONS
THE POWERPAD
t PACKAGE
The PowerPAD package provides low thermal impedance for heat removal from the device. The PowerPAD
derives its name and low thermal impedance from the large bonding pad on the bottom of the device. For
maximum thermal performance, the circuit board must have an area of solder-tinned-copper underneath the
package. The dimensions of this area depends on the size of the PowerPAD package. For a 16-pin TSSOP
(PWP) package the area is 5 mm x 3.4 mm [3].
Thermal vias connect this area to internal or external copper planes and should have a drill diameter sufficiently
small so that the via hole is effectively plugged when the barrel of the via is plated with copper. This plug is
needed to prevent wicking the solder away from the interface between the package body and the solder-tinned
area under the device during solder reflow. Drill diameters of 0.33 mm (13 mils) works well when 1-oz copper
is plated at the surface of the board while simultaneously plating the barrel of the via. If the thermal vias are
not plugged when the copper plating is performed, then a solder mask material should be used to cap the vias
with a diameter equal to the via diameter of 0.1 mm minimum. This capping prevents the solder from being
wicked through the thermal vias and potentially creating a solder void under the package. Refer to PowerPAD
Thermally Enhanced Package[3] and the mechanical illustration at the end of this document for more information
on the PowerPAD package.
Thermal Pad
6,60 mm
6,20 mm
4,50 mm
4,30 mm
10
1
X: Minimum PowerPAD = 1.8 mm
X
Y: Minimum PowerPAD = 1.4 mm
Y
Figure 14. PowerPAD Dimensions
MOSFET PACKAGING
MOSFET package selection depends on MOSFET power dissipation and the projected operating conditions.
In general, for a surface-mount applications, the DPAK style package provides the lowest thermal impedance
(
θJA) and, therefore, the highest power dissipation capability. However, the effectiveness of the DPAK depends
on proper layout and thermal management. The
θJA specified in the MOSFET data sheet refers to a given
copper area and thickness. In most cases, a lowest thermal impedance of 40
°C/W requires one square inch
of 2-ounce copper on a G−10/FR−4 board. Lower thermal impedances can be achieved at the expense of board
area. Please refer to the selected MOSFET’s data sheet for more information regarding proper mounting.
GROUNDING AND CIRCUIT LAYOUT CONSIDERATIONS
The TPS4005x provides separate signal ground (SGND) and power ground (PGND) pins. It is important that
circuit grounds are properly separated. Each ground should consist of a plane to minimize its impedance if
possible. The high power noisy circuits such as the output, synchronous rectifier, MOSFET driver decoupling
capacitor (BP10), and the input capacitor should be connected to PGND plane at the input capacitor.
Sensitive nodes such as the FB resistor divider, RT, and ILIM should be connected to the SGND plane. The
SGND plane should only make a single point connection to the PGND plane.
Component placement should ensure that bypass capacitors (BP10 and BP5) are located as close as possible
to their respective power and ground pins. Also, sensitive circuits such as FB, RT and ILIM should not be located
near high dv/dt nodes such as HDRV, LDRV, BOOST, and the switch node (SW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com