Electronic Components Datasheet Search
  English  ▼

X  

TPS40071PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS40071PWPR
Description  HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40071PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40071PWPR Datasheet HTML 17Page - Texas Instruments TPS40071PWPR Datasheet HTML 18Page - Texas Instruments TPS40071PWPR Datasheet HTML 19Page - Texas Instruments TPS40071PWPR Datasheet HTML 20Page - Texas Instruments TPS40071PWPR Datasheet HTML 21Page - Texas Instruments TPS40071PWPR Datasheet HTML 22Page - Texas Instruments TPS40071PWPR Datasheet HTML 23Page - Texas Instruments TPS40071PWPR Datasheet HTML 24Page - Texas Instruments TPS40071PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VDG−03177
C12
22
µF
C14
22
µF
C15
47
µF
C16
470
µF
C17
470
µF
C18
0.1
µF
C8
0.1
µF
C9 1
µF
C10 0.1
µF
R6
47 k
Ω
R2
90.1 k
Ω
C2
0.1
µF
R5
10 k
Ω
R3
12.1 k
Ω
R8
226
Ω
VDD
R7 8.66 k
Ω
R9
2 k
Ω
R4 330 k
Ω
L1
COEV
DXM1306−1R6
1.6
µH
VOUT
1.2 V
10 A
1
2
3
4
16
15
14
13
ILIM
VDD
BOOST
HDRV
KFF
RT
PGD
TPS40070PWP
TPS40071PWP
5
6
7
8
12
11
10
9
SW
LDRV
PGND
SGND
SS
VFB
COMP
+
C3
22 nF
C5
5.6 nF
5 V
+
−
PWP
C7
10 pF
C13
4.7 nF
Q2
Si7860DP
Q1
Si7860DP
+
+
C6
4.7 nF
C4 470 pF
−
LVBP
DBP
D1
BAT54
D2
BAT54

Note resistor across soft−start capacitor.

Diode D2 for operation below −10
°C


1.5
Ω
TPS40070
TPS40071
www.ti.com .................................................................................................................................................. SLUS582J – DECEMBER 2003 – REVISED APRIL 2009
Figure 16. 500 kHz, 5 V to 1.2 V with Improved High-Side Gate Drive
See Application Information section Boost Diodes.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS40070 TPS40071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com