Electronic Components Datasheet Search
  English  ▼

X  

UTFD14B Datasheet(PDF) 11 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTFD14B
Description  The plastic circular connector with metal locking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTFD14B Datasheet(HTML) 11 Page - SOURIAU-SUNBANK Connection Technologies

Back Button UTFD14B Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies UTFD14B Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
UTG Series
Crimp Contacts
(1) contact reeled
(2) loose contact
Exemple:
RM24W3K - Size #20, Machined, AWG24 wire.
Standard Version
Contact
size
Type
Wire size
Part number
Max
wire Ø
Max
insulator Ø
Available
plating
AWG
mm²
Male
Female
#20
Ø1 mm
Machined
26-24
0.13-0.20
RM24W3K
RC24W3K
-
1.58 max
K
Stamped &
Formed
26-24
0.13-0.25
SM24W3-(1)
SC24W3-(1)
-
0.89-1.58
TK6
S25 (female)
S26 (male)
SM24WL3-(2)
SC24WL3-(2)
-
Machined
22-20
0.32-0.52
RM20W3K
RC20W3K
-
1.58 max
K
Stamped &
Formed
22-20
0.35-0.5
SM20W3-(1)
SC20W3-(1)
-
1.17-2.08
TK6
S25 (female)
S26 (male)
SM20WL3-(2)
SC20WL3-(2)
-
Machined
20-18
0.50-0.93
RM18W3K
RC18W3K
2.10 max
K
#16
Ø1.6 mm
Machined
30-28
0.05-0.08
RM28M1-
RC28M1-
0.55
1.1
K, J
Machined
26-24
0.13-0.2
RM24M9-
RC24M9-
0.8
1.6
K, J
Stamped &
Formed
26-24
0.13-0.25
SM24M1-(1)
SM24ML1-(2)
SC24M1-(1)
SC24ML1-(2)
0.89-1.28
Insulation
grip
S31, S18, TK6
Machined
22-20
0.32-0.52
RM20M13-
RC20M13-
1.18
1.8
K, J
RM20M12-
RC20M12-
2.2
Stamped &
Formed
22-20
0.35-0.5
SM20M1-(1)
SM20ML1-(2)
SC20M1-(1)
SC20ML1-(2)
1.17-2.08
Insulation
grip
S31, S18, TK6
Machined
20-16
0.52-1.5
RM16M23-
RC16M23-
1.8
3.2
K, J
Stamped &
Formed
18-16
0.8-1.5
SM16M1-(1)
SM16ML1-(2)
SC16M1-(1)
SC16ML1-(2)
3.0
No insulation
grip
S31, S18, TK6
Stamped &
Formed
18-16
0.8-1.5
SM16M11-(1)
SM16ML11-(2)
SC16M11-(1)
SC16ML11-(2)
2.0-3.0
Insulation
grip
S31, S18, TK6
Machined
16-14
1.5-2.5
RM14M30-
RC14M30-
2.28
3.2
K, J
Stamped &
Formed
14
2.0-2.5
SM14M1-(1)
SM14ML1-(2)
SC14M1-(1)
SC14ML1-(2)
3.2
No insulation
grip
S31, S18, TK6
#12
Ø2.4 mm
Machined
22
0.13-0.4
82911457N-
82911456-
-
4.9
A, K
20
0.5
82911459N-
82911458-
18
0.75-1.0
82911461N-
82911460-
16
1.5
82911463N-
82911462-
14
2.5
82911465N-
82911464-
12
4
82911467N-
82911466-
#8
Ø3.6 mm
Machined
16
1.5
82913601A
82913600A
-
6.5
A
14
2.5
82913603A
82913602A
12
4
82913605A
82913604A
10
6.0
82913607A
82913606A
8
10.0
82913609A
82913608A
Note: all dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com