Electronic Components Datasheet Search
  English  ▼

X  

SN74AS1004ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS1004ADE4
Description  HEX INVERTING DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS1004ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS1004ADE4 Datasheet HTML 1Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 2Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 3Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 4Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 5Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 6Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 7Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 8Page - Texas Instruments SN74AS1004ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54AS1004A, SN74ALS1004, SN74AS1004A
HEX INVERTING DRIVERS
SDAS074B − APRIL 1982 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• ′AS1004A Offer High Capacitive-Drive
Capability
• Driver Version of ′ALS04B and ′AS04
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain six independent inverting
drivers. They perform the Boolean function Y = A.
The SN54AS1004A is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74ALS1004 and SN74AS1004A
are characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol†
logic diagram (positive logic)
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
3
5
9
11
13
12
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54AS1004A ...J PACKAGE
SN74ALS1004, SN74AS1004A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AS1004A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS1004ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1004ADE4 TI-SN74AS1004ADE4 Datasheet
496Kb / 14P
HEX INVERTING DRIVERS
SN74AS1004ADE4 TI-SN74AS1004ADE4 Datasheet
544Kb / 17P
HEX INVERTING DRIVERS
SN74AS1004ADE4 TI-SN74AS1004ADE4 Datasheet
664Kb / 16P
HEX INVERTING DRIVERS
More results

Similar Description - SN74AS1004ADE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
HEX INVERTING DRIVERS
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
HEX INVERTING DRIVERS
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
logo
Texas Instruments
SN54HC368 TI1-SN54HC368_16 Datasheet
1Mb / 19P
HEX INVERTING BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com