Electronic Components Datasheet Search
  English  ▼

X  

STPS640CB-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS640CB-TR
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS640CB-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS640CB-TR Datasheet HTML 1Page - STMicroelectronics STPS640CB-TR Datasheet HTML 2Page - STMicroelectronics STPS640CB-TR Datasheet HTML 3Page - STMicroelectronics STPS640CB-TR Datasheet HTML 4Page - STMicroelectronics STPS640CB-TR Datasheet HTML 5Page - STMicroelectronics STPS640CB-TR Datasheet HTML 6Page - STMicroelectronics STPS640CB-TR Datasheet HTML 7Page - STMicroelectronics STPS640CB-TR Datasheet HTML 8Page - STMicroelectronics STPS640CB-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2007
Rev 7
1/9
9
STPS640C
Power Schottky rectifier
Main product characteristics
Features and benefits
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward drop voltage
■ Low capacitance
■ Low thermal resistance
■ Insulated package: TO-220FPAB
Insulating voltage = 2000 V DC
Capacitance = 12 pF
■ Avalanche capability specified
Description
Dual Schottky rectifier suited to Switch Mode
Power Supplies and other Power Converters.
This device is intended for use in low and medium
voltage operation, and particulary, in high
frequency circuitries where low switching losses
are required (free wheeling and polarity
protection).
IF(AV)
2 x 3 A
VRRM
40 V
Tj (max)
150° C
VF(max)
0.57 V
TO-220AB
STPS640CT
TO-220FPAB
STPS640CFP
DPAK
STPS640CB
A1
A2
K
A1
K
A2
A1
K
A2
A1
K
A2
www.st.com


Similar Part No. - STPS640CB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS640CB-TR STMICROELECTRONICS-STPS640CB-TR Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS640CB-TR STMICROELECTRONICS-STPS640CB-TR Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
STPS640CB-TR STMICROELECTRONICS-STPS640CB-TR Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
More results

Similar Description - STPS640CB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com