Electronic Components Datasheet Search
  English  ▼

X  

XF2H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XF2H
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H Datasheet(HTML) 3 Page - Omron Electronics LLC

  XF2H Datasheet HTML 1Page - Omron Electronics LLC XF2H Datasheet HTML 2Page - Omron Electronics LLC XF2H Datasheet HTML 3Page - Omron Electronics LLC XF2H Datasheet HTML 4Page - Omron Electronics LLC XF2H Datasheet HTML 5Page - Omron Electronics LLC XF2H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XF2H
XF2H
3
Dimensions
Unit: mm
J
XF2H--j
j
j
jj
j
j
j
15-1
Applicable FPC Dimensions
Printed Circuit Board Matching
Dimensions (Top View)
C
D
A
B
0.5
7.3
1
3.2
2
8.1
6.74
6.35
3.44
1.9
2.8 min.
0.5
(C--0.1)
B
0.5
0.35
T=0.3 ¦0.05
(Copper conductors)
¦
0.03
¦
0.07
¦
0.05
¦
0.1
¦
0.05
B ¦0.05
E
B ¦0.25
*
F¦0.1
0.5¦0.05
0.25
1.3
1.5
2.2
2.3
*.Pattern prohibition
¦
0.1
J
TABLE OF DIMENSIONS
Circuits
Part number
A
B
C
D
E
F
10
XF2H-1015-1
9.1 (0.36)
4.5 (0.18)
5.6 (0.22)
8.5 (0.33)
6.5 (0.26)
10.1 (0.40)
12
XF2H-1215-1
10.1 (0.39)
5.5 (0.22)
6.6 (0.26)
9.5 (0.37)
7.5 (0.29)
11.1 (0.44)
13
XF2H-1315-1
10.6 (0.42)
6.0 (0.24)
7.1 (0.28)
10.0 (0.39)
8.0 (0.31)
11.6 (0.46)
14
XF2H-1415-1
11.1 (0.44)
6.5 (0.26)
7.6 (0.30)
10.5 (0.41)
8.5 (0.33)
12.1 (0.48)
18
XF2H-1815-1
13.1 (0.52)
8.5 (0.33)
9.6 (0.38)
12.5 (0.49)
10.5 (0.41)
14.1 (0.56)
20
XF2H-2015-1
14.1 (0.56)
9.5 (0.37)
10.6 (0.42)
13.5 (0.53)
11.5 (0.45)
15.1 (0.59)
21
XF2H-2115-1
14.6 (0.57)
10.0 (0.39)
11.1 (0.44)
14.0 (0.55)
12.0 (0.47)
15.6 (0.61)
22
XF2H-2215-1
15.1 (0.59)
10.5 (0.41)
11.6 (0.46)
14.5 (0.57)
12.5 (0.49)
16.1 (0.63)
24
XF2H-2415-1
16.1 (0.63)
11.5 (0.45)
12.6 (0.50)
15.5 (0.61)
13.5 (0.53)
17.1 (0.67)
26
XF2H-2615-1
17.1 (0.67)
12.5 (0.49)
13.6 (0.53)
16.5 (0.65)
14.5 (0.57)
18.1 (0.71)
30
XF2H-3015-1
19.1 (0.75)
14.5 (0.57)
15.6 (0.61)
18.5 (0.73)
16.5 (0.65)
20.1 (0.79)
32
XF2H-3215-1
20.1 (0.79)
15.5 (0.61)
16.6 (0.65)
19.5 (0.77)
17.5 (0.69)
21.1 (0.83)
33
XF2H-3315-1
20.6 (0.81)
16.0 (0.63)
17.1 (0.67)
20.0 (0.79)
18.0 (0.71)
21.6 (0.85)
34
XF2H-3415-1
21.1 (0.83)
16.5 (0.65)
17.6 (0.69)
20.5 (0.81)
18.5 (0.73)
22.1 (0.87)
35
XF2H-3515-1
21.6 (0.85)
17.0 (0.67)
18.1 (0.71)
21.0 (0.83)
19.0 (0.75)
22.6 (0.89)
36
XF2H-3615-1
22.1 (0.87)
17.5 (0.69)
18.6 (0.73)
21.5 (0.85)
19.5 (0.77)
23.1 (0.91)
38
XF2H-3815-1
23.1 (0.91)
18.5 (0.73)
19.6 (0.77)
22.5 (0.89)
20.5 (0.81)
24.1 (0.95)
40
XF2H-4015-1
24.1 (0.95)
19.5 (0.77)
20.6 (0.81)
23.5 (0.92)
21.5 (0.85)
25.1 (0.99)
45
XF2H-4515-1
26.6 (1.05)
22.0 (0.87)
23.1 (0.91)
26.0 (1.02)
24.0 (0.94)
27.6 (1.09)
50
XF2H-5015-1
29.1 (1.15)
24.5 (0.96)
25.6 (1.01)
28.5 (1.12)
26.5 (1.04)
30.1 (1.19)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com