Electronic Components Datasheet Search
  English  ▼

X  

331002 Datasheet(PDF) 3 Page - Carl Kammerling International Limited

Part # 331002
Description  Redline VDE Pliers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

331002 Datasheet(HTML) 3 Page - Carl Kammerling International Limited

  331002 Datasheet HTML 1Page - Carl Kammerling International Limited 331002 Datasheet HTML 2Page - Carl Kammerling International Limited 331002 Datasheet HTML 3Page - Carl Kammerling International Limited 331002 Datasheet HTML 4Page - Carl Kammerling International Limited 331002 Datasheet HTML 5Page - Carl Kammerling International Limited 331002 Datasheet HTML 6Page - Carl Kammerling International Limited 331002 Datasheet HTML 7Page - Carl Kammerling International Limited 331002 Datasheet HTML 8Page - Carl Kammerling International Limited 331002 Datasheet HTML 9Page - Carl Kammerling International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright Carl Kammerling International Ltd
Combicutter max range
Following further research it as found that a significant
proportion of Electricians would prefer a slightly larger
version of the combicutter.
In addition it was found that there was often a need to cut
4mm screws for electrical conduit installation
Two new 180mm versions were launched:
The combicutter3 max featuring stripping bending and
shearing facilities with the added 4mm screw shear
The combicutter1 max hav a full blade and feature both the
3.5 and 4mm patress screw shears
Combicutter3 max
Combicutter1 max
Sidecutters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com