Electronic Components Datasheet Search
  English  ▼

X  

T3805 Datasheet(PDF) 5 Page - Carl Kammerling International Limited

Part # T3805
Description  Redline VDE Pliers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

T3805 Datasheet(HTML) 5 Page - Carl Kammerling International Limited

  T3805 Datasheet HTML 1Page - Carl Kammerling International Limited T3805 Datasheet HTML 2Page - Carl Kammerling International Limited T3805 Datasheet HTML 3Page - Carl Kammerling International Limited T3805 Datasheet HTML 4Page - Carl Kammerling International Limited T3805 Datasheet HTML 5Page - Carl Kammerling International Limited T3805 Datasheet HTML 6Page - Carl Kammerling International Limited T3805 Datasheet HTML 7Page - Carl Kammerling International Limited T3805 Datasheet HTML 8Page - Carl Kammerling International Limited T3805 Datasheet HTML 9Page - Carl Kammerling International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright Carl Kammerling International Ltd
Heavy duty cable cutters
Waterpump pliers
Pliers and screwdriver sets
Item
Number
Item Description
EAN No
Commodity
code
Carton
Qty
431001
Redline VDE Combination pliers 165mm
5051074310019
82032090
3
431002
Redline VDE Combination pliers 185mm
5051074310026
82032090
3
431003
Redline VDE Combination pliers 205mm
5051074310033
82032090
3
431004
Redline VDE Combicutter1 Side cutters 160mm
5051074310040
82032090
3
431005
Redline VDE Side cutters 180mm
5051074310057
82032090
3
431006
Redline VDE Heavy duty side cutter 175mm
5051074310064
82032090
3
431007
Redline VDE Heavy duty side cutters 200mm
5051074310071
82032090
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com