Electronic Components Datasheet Search
  English  ▼

X  

74HC139DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC139DB
Description  Dual 2-to-4 line decoder/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC139DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC139DB Datasheet HTML 3Page - NXP Semiconductors 74HC139DB Datasheet HTML 4Page - NXP Semiconductors 74HC139DB Datasheet HTML 5Page - NXP Semiconductors 74HC139DB Datasheet HTML 6Page - NXP Semiconductors 74HC139DB Datasheet HTML 7Page - NXP Semiconductors 74HC139DB Datasheet HTML 8Page - NXP Semiconductors 74HC139DB Datasheet HTML 9Page - NXP Semiconductors 74HC139DB Datasheet HTML 10Page - NXP Semiconductors 74HC139DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74HC_HCT139
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 11 December 2015
7 of 17
NXP Semiconductors
74HC139; 74HCT139
Dual 2-to-4 line decoder/demultiplexer
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC139
tpd
propagation
delay
nAn to nYn; see Figure 6
[1]
VCC = 2.0 V
-
39
145
-
180
-
220
ns
VCC = 4.5 V
-
14
29
-
36
-
44
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
-
-
ns
VCC = 6.0 V
-
11
25
-
31
-
38
ns
nE to nYn; see Figure 7
[1]
VCC = 2.0 V
-
33
135
-
170
-
205
ns
VCC = 4.5 V
-
12
27
-
34
-
41
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
-
-
ns
VCC = 6.0 V
-
10
23
-
29
-
35
ns
tt
transition
time
nYn; see Figure 6 and
Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[3]
-42
-
-
-
-
-
pF
74HCT139
tpd
propagation
delay
nAn to Yn; see Figure 6
[1]
VCC = 4.5 V
-
16
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
13
-
-
-
-
-
ns
nE to nYn; see Figure 7
[1]
VCC = 4.5 V
-
16
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
13
-
-
-
-
-
ns
tt
transition
time
nYn; see Figure 6 and
Figure 7
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com