Electronic Components Datasheet Search
  English  ▼

X  

3200742 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200742
Description  AI 1 - 6 RD - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200742 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200742 Datasheet HTML 1Page - PHOENIX CONTACT 3200742 Datasheet HTML 2Page - PHOENIX CONTACT 3200742 Datasheet HTML 3Page - PHOENIX CONTACT 3200742 Datasheet HTML 4Page - PHOENIX CONTACT 3200742 Datasheet HTML 5Page - PHOENIX CONTACT 3200742 Datasheet HTML 6Page - PHOENIX CONTACT 3200742 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 6 mm, sleeve length: 12 mm, color: red
Your advantages
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
Commercial data
Item number
3200742
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094331
Weight per piece (including packing)
0.086 g
Weight per piece (excluding packing)
0.086 g
Customs tariff number
85369010
Country of origin
DE
AI 1 - 6 RD - Ferrule
3200742
https://www.phoenixcontact.com/us/products/3200742
Sep 1, 2025, 8:06AM
Page 1 (7)


Similar Part No. - 3200742

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200742 PHOENIX-3200742 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200742

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200106 PHOENIX-1200106 Datasheet
61Kb / 2P
Ferrule - AI 1,0-8 RD S1
03/10/2015
1208869 PHOENIX-1208869 Datasheet
46Kb / 3P
Ferrule - AI 1 -10 RD-GB-1000
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3200713 PHOENIX-3200713 Datasheet
68Kb / 3P
Ferrule - AI 35 -25 RD
3201385 PHOENIX-3201385 Datasheet
100Kb / 3P
AI 1 - 8 RD-B
3201589 PHOENIX-3201589 Datasheet
66Kb / 3P
Ferrule - AI 1 - 8 YE-B
3201958 PHOENIX-3201958 Datasheet
66Kb / 3P
Ferrule - AI-XL 10 -12 RD
3240544 PHOENIX-3240544 Datasheet
54Kb / 3P
Ferrule - AI-WM 1-8 RD
3240665 PHOENIX-3240665 Datasheet
67Kb / 3P
Ferrule - AI 1-8 RD-B 3000
3241125 PHOENIX-3241125 Datasheet
56Kb / 3P
Ferrule - AI 1,5 -18 RD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com