Electronic Components Datasheet Search
  English  ▼

X  

3200755 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200755
Description  AI 1,5 - 6 BK - Ferrule
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200755 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200755 Datasheet HTML 1Page - PHOENIX CONTACT 3200755 Datasheet HTML 2Page - PHOENIX CONTACT 3200755 Datasheet HTML 3Page - PHOENIX CONTACT 3200755 Datasheet HTML 4Page - PHOENIX CONTACT 3200755 Datasheet HTML 5Page - PHOENIX CONTACT 3200755 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 6 mm, sleeve length: 12 mm, color: black
Your advantages
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
Commercial data
Item number
3200755
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094348
Weight per piece (including packing)
0.102 g
Weight per piece (excluding packing)
0.101 g
Customs tariff number
85369010
Country of origin
DE
AI 1,5 - 6 BK - Ferrule
3200755
https://www.phoenixcontact.com/us/products/3200755
Sep 1, 2025, 8:10AM
Page 1 (6)


Similar Part No. - 3200755

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200755 PHOENIX-3200755 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200755

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200107 PHOENIX-1200107 Datasheet
65Kb / 2P
Ferrule - AI 1,5-8 BK S1
1208872 PHOENIX-1208872 Datasheet
46Kb / 3P
Ferrule - AI 1,5 -10 BK-GB-1000
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3201398 PHOENIX-3201398 Datasheet
101Kb / 3P
AI 1,5 - 8 BK-B
3201534 PHOENIX-3201534 Datasheet
50Kb / 2P
Ferrule - AI-TWIN 2X 1,5 -10 BK
3202892 PHOENIX-3202892 Datasheet
58Kb / 3P
Ferrule - AI 1,5 - 8 BK-GB-1000
3240545 PHOENIX-3240545 Datasheet
54Kb / 3P
Ferrule - AI-WM 1,5-8 WH
3240666 PHOENIX-3240666 Datasheet
68Kb / 3P
Ferrule - AI 1,5-8 BK-B 2500
3241125 PHOENIX-3241125 Datasheet
56Kb / 3P
Ferrule - AI 1,5 -18 RD
1200310 PHOENIX-1200310 Datasheet
57Kb / 3P
Ferrule - AI 1,5 -12 BK -1000
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com