Electronic Components Datasheet Search
  English  ▼

X  

3201301 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3201301
Description  AI 0,5 - 6 OG - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3201301 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3201301 Datasheet HTML 1Page - PHOENIX CONTACT 3201301 Datasheet HTML 2Page - PHOENIX CONTACT 3201301 Datasheet HTML 3Page - PHOENIX CONTACT 3201301 Datasheet HTML 4Page - PHOENIX CONTACT 3201301 Datasheet HTML 5Page - PHOENIX CONTACT 3201301 Datasheet HTML 6Page - PHOENIX CONTACT 3201301 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 6 mm, sleeve length: 12 mm, color: orange
Your advantages
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
In terms of dimensions, they correspond to DIN 46228‑4: 1990‑09
•
Commercial data
Item number
3201301
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094805
Weight per piece (including packing)
0.07 g
Weight per piece (excluding packing)
0.07 g
Customs tariff number
85369010
Country of origin
DE
AI 0,5 - 6 OG - Ferrule
3201301
https://www.phoenixcontact.com/us/products/3201301
Sep 1, 2025, 7:50AM
Page 1 (7)


Similar Part No. - 3201301

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3201301 PHOENIX-3201301 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3201301

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200104 PHOENIX-1200104 Datasheet
65Kb / 2P
Ferrule - AI 0,5-8 WH S1
1208966 PHOENIX-1208966 Datasheet
58Kb / 3P
Ferrule - AI 0,5 - 8 WH-GB
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3200713 PHOENIX-3200713 Datasheet
68Kb / 3P
Ferrule - AI 35 -25 RD
3201330 PHOENIX-3201330 Datasheet
65Kb / 3P
Ferrule - AI 16 -18 GN
3201563 PHOENIX-3201563 Datasheet
68Kb / 3P
Ferrule - AI 0,5 - 8 OG-B
3203150 PHOENIX-3203150 Datasheet
58Kb / 3P
Ferrule - AI 0,5-10 WH-GB
3240542 PHOENIX-3240542 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,5-8 WH
3240663 PHOENIX-3240663 Datasheet
68Kb / 3P
Ferrule - AI 0,5-8 WH-B 3000
3241126 PHOENIX-3241126 Datasheet
72Kb / 6P
Ferrule - AI 0,5 -10 OG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com