Electronic Components Datasheet Search
  English  ▼

X  

NB679AGD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # NB679AGD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679AGD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button NB679AGD Datasheet HTML 2Page - Monolithic Power Systems NB679AGD Datasheet HTML 3Page - Monolithic Power Systems NB679AGD Datasheet HTML 4Page - Monolithic Power Systems NB679AGD Datasheet HTML 5Page - Monolithic Power Systems NB679AGD Datasheet HTML 6Page - Monolithic Power Systems NB679AGD Datasheet HTML 7Page - Monolithic Power Systems NB679AGD Datasheet HTML 8Page - Monolithic Power Systems NB679AGD Datasheet HTML 9Page - Monolithic Power Systems NB679AGD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
6
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply voltage. VIN supplies power for the internal MOSFET and regulator. The NB679A
operates from a 5.5V to 24V input rail. An input capacitor is needed to decouple the input
rail. Use wide PCB traces and multiple vias to make the connection. Apply at least two
layers for this input trace.
2
PGND
Power ground. To make the connection, use wide PCB traces and enough vias to handle
the load current.
3
PG
Power good output. The output of PG is an open-drain signal. It is high if the output
voltage is higher than 95% or lower than 105% of the nominal voltage.
4
NC
No connection.
5
VOUT
Senses the output voltage of the buck regulator. Connect VOUT to the output
capacitor of the regulator directly. VOUT also acts as the input of the internal LDO switch
over-power input. Keep the VOUT sensing trace far away from the SW node. Vias should
be avoided on the VOUT sensing trace. A > 25 mil trace is required.
6
LDO
Internal LDO output. The driver and control circuits are powered from this voltage.
Decouple with a minimum 4.7µF ceramic capacitor as close to LDO as possible. X7R or
X5R grade dielectric ceramic capacitors are recommended for their stable temperature
characteristics. Once the PG of the output voltage of the buck regulator is ready, it will
switch over the LDO output to reduce power loss.
7
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
the VIN voltage by the high-side switch during the on-time of the PWM duty cycle. The
inductor current drives SW negative during the off time. The on resistance of the low-side
switch and the internal diode fixes the negative voltage. Use wide and short PCB traces to
make the connection. Try to minimize the area of the SW pattern.
8
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver.
9
VCC
Internal VCC LDO output. The driver and control circuits are powered from this voltage.
Decouple with a minimum 1µF ceramic capacitor as close to VCC as possible. X7R or
X5R grade dielectric ceramic capacitors are recommended for their stable temperature
characteristics.
10
AGND
Signal logic ground. A Kelvin connection to PGND is required.
11
EN
Buck enable. EN is a digital input that turns the buck regulator on or off. When the power
supply of the control circuit is ready, drive EN high to turn on the buck regulator and drive
EN low to turn off the buck regulator. Note that there is a 600k
Ω internal pull low resistor.
Connect EN with 3V3 through a pull-up resistor or a resistive voltage divider for automatic
start-up. EN threshold also sets mode between USM and normal. When EN is in the range
of 1.4V to 1.8V, it will enter USM. If EN is in the range of 2.6V to 3.6V, it is normal mode.
12
LP#
Low-power mode control logic. LP# is pulled high internally. Leave LP# open to enter
normal mode with a 5.1V Vout. Drive LP# low to enter low-power mode with lower than a
4.85V Vout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com