Electronic Components Datasheet Search
  English  ▼

X  

ISL81601 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL81601
Description  80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
ISL81801
3. Specifications
FN8937 Rev.1.4
Page 13 of 49
Mar 8, 2024
3.4
Electrical Specifications
Recommended operating conditions unless otherwise noted. See Block Diagram and Typical Application Schematics. VIN = 4.5V to 80V, or
VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless otherwise specified. Boldface limits
apply across the operating temperature range, -40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit
VIN Supply
Input Voltage Range
VIN
4.5
80.0
V
VIN Supply Current
Shutdown Current (Note 7)IVINQ
EN = 0V, PGOOD is floating
2.7
6.0
µA
Operating Current (Note 8)IVINOP
PGOOD is floating, EXTBIAS = 0V
5
7
mA
PGOOD is floating, EXTBIAS = 12V
50
µA
VCC5V Supply
Internal LDO Output Voltage
VCC5V
VIN = 8V, IL = 0mA
4.7
5.0
5.4
V
VIN = 80V, IL = 0mA
4.7
5.0
5.4
V
VIN = 4.5V, IL = 5mA
4.00
4.25
V
VIN > 5.6V, IL = 10mA
4.65
5.00
V
Maximum Supply Current of
Internal LDO
IVCC_MAX
VVCC5V = 0V, VIN = 8V
120
mA
VDD Supply
Internal LDO Output Voltage
VDD
VIN = 12V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.4
V
VIN = 80V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.4
V
VIN = 4.5V, EXTBIAS = 12V, IL = 0mA
7.5
8.0
8.4
V
VIN = 80V, EXTBIAS = 12V, IL = 0mA
7.5
8.0
8.4
V
VIN = 4.5V, EXTBIAS = 0V, IL = 30mA
3.9
4.3
V
VIN = 4.5V, EXTBIAS = 7.8V, IL = 30mA
7.4
7.6
V
VIN > 8.6V, EXTBIAS = 0V, IL = 75mA
7.30
7.85
V
VIN = 4.5V, EXTBIAS > 9.0V, IL = 75mA
7.30
7.85
V
Maximum Supply Current of
Internal LDO
IVDD_MAX
VVDD = 0V, EXTBIAS = 0V, VIN = 12V
120
mA
VVDD = 4.5V, EXTBIAS = 12V, VIN = 4.5V
140
mA
EXTBIAS Supply
Switch Over Threshold Voltage, Rising
VEXT_THR
EXTBIAS voltage
7.10
7.38
7.55
V
Switch Over Threshold Voltage,
Falling
VEXT_THF
EXTBIAS voltage
6.60
6.85
7.10
V
VIN UVLO
VIN Rising UVLO Threshold (Note 10)VUVLOTHR
VIN voltage, 0mA on VCC5V and VDD
3.50
V
VIN Falling UVLO Threshold
VUVLOTHF
VIN voltage, 0mA on VCC5V and VDD
3.0
3.2
3.4
V
VCC5V Power-On Reset
VCC5V Rising POR Threshold
VPORTHR
VCC5V voltage, 0mA on VCC5V and VDD
3.7
4.0
4.3
V
VCC5V Falling POR Threshold
VPORTHF
VCC5V voltage, 0mA on VCC5V and VDD
3.30
3.55
3.75
V
EN/UVLO Threshold
EN Rise Threshold
VENSS_THR
VIN > 5.6V
0.75
1.05
1.30
V
EN Fall Threshold
VENSS_THF
VIN > 5.6V
0.60
0.90
1.10
V
EN Hysteresis
VENSS_HYST
VIN > 5.6V
70
150
300
mV
UVLO Rise Threshold
VUVLO_THR
VIN > 5.6V
1.77
1.80
1.83
V
UVLO Hysteresis Current
IUVLO_HYST
VIN = 12V, EN/UVLO = 1.815V
2.5
4.4
6.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com