Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # B130
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

B130 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button B130 Datasheet HTML 2Page - Lite-On Technology Corporation B130 Datasheet HTML 3Page - Lite-On Technology Corporation B130 Datasheet HTML 4Page - Lite-On Technology Corporation B130 Datasheet HTML 5Page - Lite-On Technology Corporation B130 Datasheet HTML 6Page - Lite-On Technology Corporation B130 Datasheet HTML 7Page - Lite-On Technology Corporation B130 Datasheet HTML 8Page - Lite-On Technology Corporation B130 Datasheet HTML 9Page - Lite-On Technology Corporation B130 Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
6/11
Rev. 1.7
www.liteon-semi.com
Stability Compensation
CCOMP2 is needed only for high ESR output capacitor
Figure 2. Stability Compensation
The feedback loop of the IC is stabilized by the components at the COMP pin, as shown in Figure 2. The DC loop
gain of the system is determined by the following equation:
(4)
The dominant pole P1 is due to CCOMP:
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(5)
The second pole P2 is the output pole:
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(6)
The first zero Z1 is due to RCOMP and CCOMP:
COMP
COMP
1
Z
C
R
π
2
1
f
=
(7)
And finally, the third pole is due to RCOMP and CCOMP2 (if CCOMP2 is used):
2
COMP
COMP
3
P
C
R
π
2
1
f
=
(8)
The following steps should be used to compensate the IC:
STEP1. Set the crossover frequency at 1/10 of the switching frequency via RCOMP:
(9)
but limit RCOMP to 10kΩ maximum.
STEP2. Set the zero fZ1 at 1/4 of the crossover frequency. If RCOMP is less than 10kΩ, the equation for CCOMP is:
)
F
(
R
10
8
.
1
C
COMP
5
COMP
−
×
=
(10)
If RCOMP is limited to 10kΩ, then the actual crossover frequency is 10/ (VOUTCOUT). Therefore:
)
F
(
C
V
10
2
.
1
C
OUT
OUT
5
COMP
−
×
=
(11)
STEP3. If the output capacitor’s ESR is high enough to cause a zero at lower than 4 times the crossover frequency,
an additional compensation capacitor CCOMP2 is required. The condition for using CCOMP2 is:
ESRCOUT
R
)
(
V
012
.
0
,
C
10
1
.
1
Min
OUT
OUT
6
Ω
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
•
×
≥
−
(12)
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com