Electronic Components Datasheet Search
  English  ▼

X  

TPS53014 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS53014
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53014 Datasheet HTML 12Page - Texas Instruments TPS53014 Datasheet HTML 13Page - Texas Instruments TPS53014 Datasheet HTML 14Page - Texas Instruments TPS53014 Datasheet HTML 15Page - Texas Instruments TPS53014 Datasheet HTML 16Page - Texas Instruments TPS53014 Datasheet HTML 17Page - Texas Instruments TPS53014 Datasheet HTML 18Page - Texas Instruments TPS53014 Datasheet HTML 19Page - Texas Instruments TPS53014 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
OUT
VFB
V
R1 =
-1 ×R2
V
æ
ö
ç
÷
è
ø
(
)
ON
IN
OUT
ON
OFF(MIN)
T
K= V -V
×
T
-T
2
LOAD
OUT
OUT
US
ΔI
C
=
×L
2×K×ΔV
2
LOAD
OUT
OUT
OUT
OS
ΔI
C
=
×L
2×V
×ΔV
L(RIPPLE)
OUT
OUT(RIPPLE)
SW
I
1
C
=
×
8×V
f
16
TPS53014
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Typical Application (continued)
8.1.1.1.2
Output Capacitor
The capacitor value and ESR determines the amount of output voltage ripple and load transient response.
Ceramic output capacitors with X5R dielectric or better are recommended .
(8)
(9)
(10)
Where:
•
ΔVOS = The allowable amount of overshoot voltage in load transition
•
ΔVUS = The allowable amount of undershoot voltage in load transition
•
TOFF(MIN) = Minimum off time
(11)
Select the capacitance value greater than the largest value calculated from Equation 8, Equation 9 and
Equation 10. The minimum recommended output capacitance is 44 μF.
8.1.1.1.3
Input Capacitor
The TPS53014 requires an input decoupling capacitor and a bulk capacitor is needed depending on the
application. A minimum 10-μF high-quality ceramic capacitor is recommended for the input capacitor. The
capacitor voltage rating needs to be greater than the maximum input voltage.
8.1.1.1.4
Bootstrap Capacitor
The TPS53014 requires a bootstrap capacitor from SW to VBST to provide the floating supply for the high-side
drivers. A minimum 0.1-μF high-quality ceramic capacitor is recommended. The capacitor voltage rating should
be greater than 10 V.
8.1.1.1.5
VREG5 Capacitor
The TPS53014 requires that the VREG5 regulator is bypassed. A minimum 4.7-μF high-quality ceramic capacitor
must be connected between the VREG5 and PGND for proper operation. The capacitor voltage rating should be
greater than 10 V.
8.1.1.1.6
Choose Output Voltage Resistors
The output voltage is set with a resistor divider from output voltage node to the VFB pin. TI recommends using
1% tolerance or better resistors. Select R2 between 10 k
Ω and 100 kΩ and use Equation 12 to calculate R1.
(12)
spacer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com