Electronic Components Datasheet Search
  English  ▼

X  

MC33152P Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC33152P
Description  High Speed Dual MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33152P Datasheet(HTML) 4 Page - Motorola, Inc

  MC33152P Datasheet HTML 1Page - Motorola, Inc MC33152P Datasheet HTML 2Page - Motorola, Inc MC33152P Datasheet HTML 3Page - Motorola, Inc MC33152P Datasheet HTML 4Page - Motorola, Inc MC33152P Datasheet HTML 5Page - Motorola, Inc MC33152P Datasheet HTML 6Page - Motorola, Inc MC33152P Datasheet HTML 7Page - Motorola, Inc MC33152P Datasheet HTML 8Page - Motorola, Inc MC33152P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC34152 MC33152
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Propagation Delay
Figure 8. Drive Output Clamp Voltage
versus Clamp Current
50 ns/DIV
3.0
2.0
1.0
0
0
–1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IO, OUTPUT CLAMP CURRENT (A)
VCC
Gnd
High State Clamp (Drive
Output Driven Above VCC)
120 Hz Rate
TA = 25°C
VCC = 12 V
80
µs Pulsed Load
Low State Clamp (Drive
Output Driven Below Ground)
1.9
Figure 9. Drive Output Saturation Voltage
versus Load Current
Figure 10. Drive Output Saturation Voltage
versus Temperature
0
–1.0
– 2.0
– 3.0
3.0
2.0
1.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IO, OUTPUT CLAMP CURRENT (A)
VCC
Gnd
Source Saturation
(Load to Ground)
Sink Saturation
(Load to VCC)
0
– 0.5
– 0.7
– 0.9
–1.1
1.7
1.5
1.0
0.8
0.6
0
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Source Saturation
(Load to Ground)
Isink = 400 mA
Sink Saturation
(Load to VCC)
Isource = 10 mA
Isource = 400 mA
VCC
Gnd
Isink = 10 mA
VCC = 12 V
120 Hz Rate
TA = 25°C
VCC = 12 V
80
µs Pulsed Load
Figure 11. Drive Output Rise Time
Figure 12. Drive Output Fall Time
10 ns/DIV
10 ns/DIV
90% –
10% –
90% –
10% –
90% –
10% –
VCC = 12 V
Vin = 0 V to 5.0 V
CL = 1.0 nF
TA = 25°C
Drive Output
Logic Input
VCC = 12 V
Vin = 0 V to 5.0 V
CL = 1.0 nF
TA = 25°C
VCC = 12 V
Vin = 0 V to 5.0 V
CL = 1.0 nF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com