Electronic Components Datasheet Search
  English  ▼

X  

TPS54232 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS54232
Description  TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode™
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54232 Datasheet HTML 17Page - Texas Instruments TPS54232 Datasheet HTML 18Page - Texas Instruments TPS54232 Datasheet HTML 19Page - Texas Instruments TPS54232 Datasheet HTML 20Page - Texas Instruments TPS54232 Datasheet HTML 21Page - Texas Instruments TPS54232 Datasheet HTML 22Page - Texas Instruments TPS54232 Datasheet HTML 23Page - Texas Instruments TPS54232 Datasheet HTML 24Page - Texas Instruments TPS54232 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TPS54232
www.ti.com
SLVS876D – NOVEMBER 2008 – REVISED NOVEMBER 2014
9.2.2.9 Power Dissipation Estimate
The following formulas show how to estimate the device power dissipation under continuous conduction mode
operations. They should not be used if the device is working in the discontinuous conduction mode (DCM) or
pulse-skipping Eco-Mode.
The device power dissipation includes:
1. Conduction loss: Pcon = IOUT
2 x R
DS(on) x VOUT/VIN
2. Switching loss: Psw = 0.5 x 10-9 x VIN2 x IOUT x Fsw
3. Gate charge loss: Pgc. = 22.8 x 10-9 x Fsw
4. Quiescent current loss: Pq = 0.085 x 10-3 x VIN
Where:
IOUT is the output current (A).
RDS(on) is the on-resistance of the high-side MOSFET (Ω).
VOUT is the output voltage (V).
VIN is the input voltage (V).
Fsw is the switching frequency (Hz).
So:
Ptot = Pcon + Psw + Pgc + Pq
For given TA , TJ = TA + Rth x Ptot.
For given TJMAX = 150°C, TAMAX = TJMAX– Rth x Ptot.
Where:
Ptot is the total device power dissipation (W).
TA is the ambient temperature (°C).
TJ is the junction temperature (°C) .
Rth is the thermal resistance of the package (°C/W).
TJMAX is maximum junction temperature (°C).
TAMAX is maximum ambient temperature (°C).
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS54232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com