Electronic Components Datasheet Search
  English  ▼

X  

70190 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 70190
Description  hygienic line, stainless steel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

70190 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  70190 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
hygienic line, stainless steel
Star Grips - 3A Standard
Grips
Order No.
d
1
d
2
d
3
h
1
h
2
t
w
1
70190.W0027
27
M 5
15
20
13
15
24
70190.W0033
33
M 6
19
24
13
20
30
70190.W0040
40
M 8
25
28
16
20
36
70190.W0050
50
M10
25
30
16
25
46
70190.W0065
65
M12
31
40
24
25
60
70190
0333 207 4497
sales@wixroyd.com
1
Material
Stainless steel AISI304
Blue gasket: silicone
Tips
Made to the high „3A“ standard.
This ensures it meets the high standards
required for use in food, beverage, phar­
maceutical and medical applications.
Hygienically designed for effective and
easy cleaning, corrosion resistant, non­
toxic.
Design precludes contamination by dirt,
food particles and organic matter.


Similar Part No. - 70190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701906-3WC5X ETC2-701906-3WC5X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701906-3WC6X ETC2-701906-3WC6X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701906-3WE4X ETC2-701906-3WE4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701906-3WE5X ETC2-701906-3WE5X Datasheet
701Kb / 2P
LED lighting system for cooler doors
More results

Similar Description - 70190

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com