Electronic Components Datasheet Search
  English  ▼

X  

70500 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 70500
Description  with grub screw - DIN 6336
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

70500 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  70500 Datasheet HTML 1Page - Wixroyd Group Ltd 70500 Datasheet HTML 2Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
with grub screw - DIN 6336
Star Grips
Grips
Order No.
Material
d
1
d
2
d
3
h
1
h
2
l
1
Weight
g
70500.W0051
Steel
25
M 5
12
16
8
10
7.3
70500.W0054
Steel
25
M 5
12
16
8
15
7.2
70500.W0056
Steel
25
M 5
12
16
8
20
8.7
70500.W0058
Steel
25
M 5
12
16
8
25
8.7
70500.W0060
Steel
25
M 5
12
16
8
30
9.2
70500.W0102
Steel
32
M 6
14
20
10
15
14.0
70500.W0104
Steel
32
M 6
14
20
10
20
14.0
70500.W0106
Steel
32
M 6
14
20
10
25
14.0
70500.W0108
Steel
32
M 6
14
20
10
30
16.0
70500.W0110
Steel
32
M 6
14
20
10
40
17.0
70500.W0152
Steel
40
M 8
18
25
13
20
28.0
70500.W0154
Steel
40
M 8
18
25
13
25
30.0
70500.W0156
Steel
40
M 8
18
25
13
30
32.0
70500.W0158
Steel
40
M 8
18
25
13
40
35.0
70500.W0160
Steel
40
M 8
18
25
13
50
38.0
70500.W0202
Steel
50
M10
22
32
17
25
51.0
70500.W0204
Steel
50
M10
22
32
17
30
54.0
70500.W0206
Steel
50
M10
22
32
17
40
60.0
70500.W0208
Steel
50
M10
22
32
17
50
64.0
70500.W0210
Steel
50
M10
22
32
17
60
77.0
70500.W0252
Steel
63
M12
26
40
21
30
101.0
70500.W0254
Steel
63
M12
26
40
21
40
108.0
70500.W0256
Steel
63
M12
26
40
21
50
115.0
70500.W0258
Steel
63
M12
26
40
21
60
121.0
70500.W0260
Steel
63
M12
26
40
21
80
143.0
70500.W0302
Steel
80
M16
35
50
25
40
223.0
70500.W0304
Steel
80
M16
35
50
25
50
237.0
70500.W0306
Steel
80
M16
35
50
25
60
232.0
70500.W0308
Steel
80
M16
35
50
25
80
274.0
70500.W1051
Stainless Steel
25
M 5
12
16
8
10
7.3
70500.W1054
Stainless Steel
25
M 5
12
16
8
15
7.2
70500.W1056
Stainless Steel
25
M 5
12
16
8
20
8.7
70500
0333 207 4497
sales@wixroyd.com
1
Material
duroplast PF 31, black.
Grub screw: steel, galvanised.
Technical Notes
Produced to DIN 7708.
Special designs e.g. different lengths or
grub screws in brass or stainless steel, on
request.
Temperature range max. 110°C.
DIN 6336.


Similar Part No. - 70500

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
70500 MACROMATIC-70500 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
Qualtek Electronics Cor...
7050000 QUALTEK-7050000 Datasheet
349Kb / 1P
REWIRABLE PLUG ASSEMBLY
logo
Theben AG
7050001 THEBEN-7050001 Datasheet
507Kb / 3P
Climate control Room thermostats
07/04/2025
More results

Similar Description - 70500

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0259800000 WEIDMULLER-0259800000 Datasheet
495Kb / 1P
Screw Clamp 35 mm DIN-Rail Terminals
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
logo
TDK Electronics
B43733 TDK-B43733_15 Datasheet
695Kb / 25P
Capacitors with screw terminals
B43703 TDK-B43703_15 Datasheet
664Kb / 21P
Capacitors with screw terminals
B43704 TDK-B43704_15 Datasheet
678Kb / 23P
Capacitors with screw terminals
B43704 TDK-B43704_16 Datasheet
688Kb / 23P
Capacitors with screw terminals
B43713 TDK-B43713_16 Datasheet
700Kb / 25P
Capacitors with screw terminals
logo
Omron Electronics LLC
J7KNA-AR OMRON-J7KNA-AR Datasheet
472Kb / 6P
Screw fixing and snap fitting (35 mm DIN rail)
logo
HARTING Technology Grou...
09-03-000-6245 HARTING-09-03-000-6245 Datasheet
920Kb / 2P
DIN-Signal high current f, 20A screw
09-00-000-5603 HARTING-09-00-000-5603 Datasheet
529Kb / 2P
Screw adapter with fixing screw
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com