Electronic Components Datasheet Search
  English  ▼

X  

760804 Datasheet(PDF) 1 Page - Lapp.

Part # 760804
Description  Reduced-Diameter VFD Cable; 600V/1000V; UL & c(UL) TC-ER Approval
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

760804 Datasheet(HTML) 1 Page - Lapp.

  760804 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
96
ÖLFLEX®
Flexible Cable for Drives, Motors & Assemblies
Application Advantage
Construction
Complete the Installation
SKINTOP®
MS-SC
page 516
EPIC®
ULTRA HB
page 397
Recommended Applications
ECOLAB® is a registered trademark of Ecolab, Inc. Recommended SKINTOP® assumes minimal OD variance.
Additional configurations are available; please see our SKINTOP® section. If not otherwise specified, all values relating to the product are nominal values.
Photographs are not to scale and are not true representations of the products in question. For current information go to our website.
Approvals
VFD Cable
Cable Attributes
page 640
OIL
OR-03
FLAME
FR-03
MOTION
FL-01
MECH.
MP-03
Technical Data
Minimum Bend Radius:
7.5 x cable diameter
Temperature Range:
- UL/CSA TC:
-25°C to +90°C
- for stationary use:
-40°C to +105°C
- for flexible use:
-25°C to +105°C
Nominal Voltage:
- UL/CSA TC:
600V
- UL WTTC:
1000V
- UL Flexible Motor Supply:
1000V
- UL/CSA AWM:
1000V
Test Voltage:
2000V
Peak Voltage:
7500V
Conductor Stranding:
- 18 - 6 AWG:
Class 5 fine wire*
- 4 - 2 AWG:
Class K fine wire
* 18 AWG meets only Class 5 cross section and DC resistance
Color Code:
Black with white numbers,
plus green/yellow ground
Approvals:
UL: TC-ER per UL 1277
MTW per UL 1063
WTTC per UL 2277
AWM 20886
Attributes: UL Oil Res I/II
75°C Wet; 90°C Dry
-40°C Cold Bend; -25° Cold Impact
Sunlight Resistant
Submersible Pump (14 AWG & larger)
Direct Burial
NFPA 79
NEC: Class 1 Division 2 per NEC Article 501
Canada: c(UL) CIC/TC FT4
CSA AWM I/II A/B 1000V FT4
Additional: MSHA P-07KA050013-MSHA
CE & RoHS
VFD drive and motor applications; web presses; HVAC; conveyors; any on/off,
slow down/speed up applications using VFD drives and motors
• Lapp Surge Guard insulation protection
• UL TC-ER & c(UL) CIC/TC approved
• Double shielded for extra protection
• Resistant to a wide range of disinfecting solutions used
in the food, beverage, chemical and related industries,
according to ECOLAB® PM 40-1 test procedure
Conductors: Finely stranded tinned copper
Insulation: Lapp Surge Guard insulation system
Shielding: Barrier tape; triple layer foil tape (100% coverage);
tinned copper braid (85% coverage)
Jacket: Specially formulated thermoplastic polymer; black
ÖLFLEX® VFD SLIM is a reduced-diameter shielded motor cable for VFD
drives. It is designed with the Lapp Surge Guard insulation system, which
includes a semiconductive layer made to withstand nonlinear power distortions
associated with VFD drives and to disperse increases in voltage caused by
wave reflection, spikes, in-rush current, and harmonics.
LAPP KABEL
ÖLFLEX® VFD SLIM
Reduced-Diameter VFD Cable; 600V/1000V; UL & c(UL) TC-ER Approval
ÖLFLEX® VFD SLIM
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
(lbs/mft)
Approx.
Weight
(lbs/mft)
SKINTOP®
MS-SC
PG Thread
SKINTOP®
MS-M BRUSH
Metric Thread
(in)
(mm)
18 AWG (1.00 mm2)
761804
4
0.394
10.0
53
112
53112230
—
16 AWG (1.5 mm2)
761604
4 + drain
0.465
11.8
73
154
53112240 53112676
14 AWG (2.5 mm2)
761404
4
0.514
13.1
100
194
53112240 53112676
12 AWG (4 mm2)
761204
4
0.583
14.8
139
254
53112250 53112676
10 AWG (6 mm2)
761004
4
0.697
17.7
195
346
53112260 53112677
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
(lbs/mft)
Approx.
Weight
(lbs/mft)
SKINTOP®
MS-SC
PG Thread
SKINTOP®
MS-M BRUSH
Metric Thread
(in)
(mm)
8 AWG (10 mm2)
760804
4
0.829
21.1
326
596
53112260 53112678
6 AWG (16 mm2)
760604
4
1.002
25.5
494
785
53112270 53112678
4 AWG (21 mm2)
760404
4
1.186
30.1
648
965
53112270 53112679
2 AWG (33.7 mm2)
760204
4
1.395
35.4
985
1339
—
53112680
FIRE
PROTECTION


Similar Part No. - 760804

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760804110 WURTH-760804110 Datasheet
515Kb / 5P
WE-PFC PFC Choke
760804111 WURTH-760804111 Datasheet
486Kb / 5P
WE-PFC PFC Choke
760804310 WURTH-760804310 Datasheet
484Kb / 5P
WE-PFC PFC Choke
More results

Similar Description - 760804

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK140-2-R ASSMANN-AK140-2-R Datasheet
220Kb / 1P
CABLE : NON-UL 28AWG
logo
Amphenol Corporation
CL-11 AMPHENOL-CL-11 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
UL,CUL & TUV safety approval.
logo
HARTING Technology Grou...
09-36-516-2602 HARTING-09-36-516-2602 Datasheet
460Kb / 2P
Han 16Ex-UL-M-C Inserts
09-36-524-2602 HARTING-09-36-524-2602 Datasheet
468Kb / 2P
Han 24Ex UL-M-c Inserts
09-14-002-3103 HARTING-09-14-002-3103 Datasheet
462Kb / 2P
Han 40A crimp module, female UL 1000V
09-14-002-3003 HARTING-09-14-002-3003 Datasheet
460Kb / 2P
Han 40A crimp module, male For UL 1000V
logo
Marathon Special Produc...
134X516 MARATHON-134X516 Datasheet
567Kb / 4P
600V per UL 1953
09/25/23
logo
Belden Inc.
U03122 BELDEN-U03122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com