Electronic Components Datasheet Search
  English  ▼

X  

4510022 Datasheet(PDF) 1 Page - Lapp.

Part # 4510022
Description  H05V-K
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4510022 Datasheet(HTML) 1 Page - Lapp.

  4510022 Datasheet HTML 1Page - Lapp. 4510022 Datasheet HTML 2Page - Lapp. 4510022 Datasheet HTML 3Page - Lapp. 4510022 Datasheet HTML 4Page - Lapp. 4510022 Datasheet HTML 5Page - Lapp. 4510022 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT INFORMATION
H05V-K <HAR>
European <HAR> cable type certification
H05V-K, HAR, power and control cable, PVC, 300/500V, wiring of devices and control cabinets, flame-retardant, class 5/fine
wire, fixed installation, ring/spool
Info
<HAR>
Benefits
Cables' <HAR>marking also stands for the international endorsement of national certification institutes' testing marks and
certificates, e. g. <VDE><HAR>. The <HAR>marking is of special importance in case of goods traffic between European
countries.
Application range
Internal wiring of devices
Protected installation in and on lighting equipments
Signal systems in and on plaster in tubes
Product features
Flame-retardant according IEC 60332-1-2
Spool: d1 = 18 mm; d2 = 200 mm; b = 85 mm
Norm references / Approvals
<HAR> cable type certification acc. EN 50525-2-31
Product Make-up
Fine-wired copper conductor of bare copper strands in line with conductor class 5 acc. IEC 60228
Core insulation: Based on PVC
Last Update (03.01.2017)
1 / 6
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 4510022

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
4510020 ALPHAWIRE-4510020 Datasheet
99Kb / 4P
Customer SpecificationS
12/13/2022
logo
List of Unclassifed Man...
4510021 ETC2-4510021 Datasheet
63Kb / 1P
The single H05 V-K is a flexible wiring cable for fixed installation in installation channels which can be opened as well as for internal wiring of wiring of devices and working funds
logo
Alpha Wire
4510025 ALPHAWIRE-4510025 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results

Similar Description - 4510022

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
PVC, HAR approved
logo
List of Unclassifed Man...
09120053101 ETC2-09120053101 Datasheet
642Kb / 1P
Har - bus 64
17051332201 ETC2-17051332201 Datasheet
177Kb / 1P
har-bus짰 HM male connector
U4180404 ETC2-U4180404 Datasheet
914Kb / 1P
HAR Hook-up Wire
logo
HARTING Technology Grou...
02-09-500-1029 HARTING-02-09-500-1029 Datasheet
449Kb / 1P
har-modular fixing rail 147.22
02-09-500-1028 HARTING-02-09-500-1028 Datasheet
449Kb / 1P
har-modular fixing rail 142.14
02-09-500-1007 HARTING-02-09-500-1007 Datasheet
448Kb / 1P
har-modular fixing rail 35.46
02-09-500-1006 HARTING-02-09-500-1006 Datasheet
448Kb / 1P
har-modular fixing rail 30.38
02-09-500-0002 HARTING-02-09-500-0002 Datasheet
472Kb / 1P
har-modular assembling aid
02-09-500-1020 HARTING-02-09-500-1020 Datasheet
447Kb / 1P
har-modular fixing rail 101.50
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com