Electronic Components Datasheet Search
  English  ▼

X  

LP301102 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # LP301102
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP301102 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  LP301102 Datasheet HTML 1Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 2Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 3Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 4Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 5Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 6Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 7Page - Eaton All Rights Reserved. LP301102 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
18
EATON www.eaton.com
Right Angle Mounting Bracket
Right angle terminals are offered on the A3 & LP3. Configurations are
defined in these dimensions: X = pin extension beyond the block base; Z
= length from block base to centerline of the terminal tip. Standard bends
consist of the X and Z dimensions shown in the chart. Specify by adding
the selected Bend Option Code to the terminal part number.
04 Terminal Bend Configurations
Bend Option Code
X
(minimum)
Z
Available
w/insulator base
R36
0.02
0.22
No
R42
0.08
0.16
No
R46
0.12
0.12
No
R50
0.16
0.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
07 Terminal Bend Configurations
Bend Option Code
X
(minimum)
Z
Available
w/insulator base
R36
0.02
0.49
Yes
R50
0.16
0.35
No
R66
0.32
0.19
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Angle Brackets (A3 only)
Option AB
Angle brackets enable block to be fastened at right angles to normal
mount position. Bulk part number 2AB-J.
Mounting Plates
Options MP & MT
MP Metal inserts with 0.150” dia. hole accept #6 screw.
MT Metal inserts with tapped hole accept #6-32 screw.
Bulk part number 2MP-J, 2MT-J.
Retaining Clip
Options RC
Use on standoff tubes. Fit panels up to 0.125” thick. Two clips
for every five positions. Supplied unassembled. Bulk part number
H541-J.
A3 & LP3
Single RowTerminal Blocks
Mounting Options Inches (Millimeters)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com