Electronic Components Datasheet Search
  English  ▼

X  

LP302202 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # LP302202
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP302202 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  LP302202 Datasheet HTML 1Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 2Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 3Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 4Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 5Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 6Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 7Page - Eaton All Rights Reserved. LP302202 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
16
EATON www.eaton.com
Terminal Styles Inches (Millimeters)
Screw Options
(Bulk ordering part numbers are in parentheses)
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
LP3 - low profile barrier
01 - handwired
02 - printed circuit
03 - non feed-thru
04 - wire wrap tail
05 - extended
handwired
07 - extended pin
1 - std. base/
mount end
2 - std. base/
barrier
3* - insulator
base/mount end
4* - insulator
base/barrier end
5** - closed
base/mount end
02 to 28 barrier
end
02 to 26
on mount
end
Blank–std. screws
00 - screws shipped
04 - brass nickel-plated
07 - steel SEMS zinc-
plated***
CA - captive screw
A1 to A9 - 0.250” QC
B1 to B9 - 0.187” QC
L1 to L6 marking options
(pg 25)
MP - mounting plates (pg 18)
R30 to R66 - right angle bends
(pg 18)
LP3
Single RowTerminal Blocks
L
3
P
* A2 only.
** Not compatible with 03-stainless steel screws.
*** SEMS screws not available with hardware options



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com