Electronic Components Datasheet Search
  English  ▼

X  

LP307202 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LP307202
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP307202 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LP307202 Datasheet HTML 1Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 2Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 3Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 4Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 5Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 6Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 7Page - Eaton All Rights Reserved. LP307202 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A3, LP3 & CB3
A31930307
Specifications
Rating: A3: 30A, 600V* LP3: 30A, 150V* CB3: 30A, 600V*
Wire Range: #12-22 AWG Cu
Center Spacing: 0.437” or 7/16” (11.10mm)
Screw Size: #6-32 zinc-plated philslot screws.
Torque Rating: 9 lb-in.
Base: Standoffs standard for easy flux washing.
Distance Between Barriers: 0.32” (8.1mm)
Recommended PCB Hole Diameter: 0.076” (1.93mm)
Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 3500V (A3 & LP3); 8200V (CB3)
Agency Information: UL File E62622, CSA 47235; IEC Compliance,
CE Certified
* 30A Rating achieved with a #10 copper wire crimped to a ring terminal; 20 Rating
without ring terminal.
MOUNTING ENDS ONLY
BARRIER &
MOUNTING ENDS
BARRIER
ENDS
ONLY
Poles
A
Mounting Ctrs.
C
Length
B
Pole Ctrs.
C
Length
02
1.31
1.73
0.43
0.98
03
1.75
2.17
0.87
1.43
04
2.18
2.61
1.31
1.87
05
2.62
3.05
1.75
2.31
06
3.06
3.48
2.18
2.75
07
3.50
3.92
2.62
3.18
08
3.93
4.36
3.06
3.62
09
4.37
4.80
3.50
4.06
10
4.81
5.23
3.93
4.50
11
5.25
5.67
4.37
4.93
12
5.68
6.11
4.81
5.37
13
6.12
6.55
5.25
5.81
14
6.56
6.98
5.68
6.25
15
7.00
7.42
6.12
6.68
16
7.43
7.86
6.56
7.12
17
7.87
8.30
7.00
7.56
18
8.31
8.73
7.43
8.00
19
8.75
9.17
7.87
8.43
20
9.18
9.60
8.31
8.87
21
9.62
10.05
8.50
9.31
22
10.06
10.48
9.18
9.75
23
10.50
10.92
9.62
10.18
24
10.93
11.36
10.06
10.62
25
11.37
11.80
10.50
11.06
26
11.81
12.23
10.98
11.50
27
–
–
11.81
12.37
28
–
–
11.37
11.07
Dimensions Inches (Millimeters)
A3 & LP3
CB35110407MP
CB3
LP307102
Single RowTerminal Blocks


Similar Part No. - LP307202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP307 ETC1-LP307 Datasheet
41Kb / 2P
25/30 WATT Low Profile
More results

Similar Description - LP307202

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
Double Row Terminal Blocks
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
Single Row Terminal Blocks
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
Terminal Blocks - Single Row
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
Double Row Terminal Blocks
BB1 COOPER-BB1 Datasheet
105Kb / 1P
Single Row Terminal Blocks Continued
logo
Eaton All Rights Reserv...
A2000 EATON-A2000 Datasheet
1Mb / 6P
Single Row Terminal Blocks
CB0 EATON-CB0 Datasheet
3Mb / 27P
Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
Single Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com