Electronic Components Datasheet Search
  English  ▼

X  

PFS7526H Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button PFS7526H Datasheet HTML 16Page - Power Integrations, Inc. PFS7526H Datasheet HTML 17Page - Power Integrations, Inc. PFS7526H Datasheet HTML 18Page - Power Integrations, Inc. PFS7526H Datasheet HTML 19Page - Power Integrations, Inc. PFS7526H Datasheet HTML 20Page - Power Integrations, Inc. PFS7526H Datasheet HTML 21Page - Power Integrations, Inc. PFS7526H Datasheet HTML 22Page - Power Integrations, Inc. PFS7526H Datasheet HTML 23Page - Power Integrations, Inc. PFS7526H Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Rev. D 04/25
20
PFS7523-7529/7533-7539
www.power.com
Quick Design Checklist
As with any power supply design, all HiperPFS-3 designs should be
verified on the bench to make sure that component specifications are
not exceeded under worst-case conditions. The following minimum
set of tests is strongly recommended:
1. Maximum drain voltage – Verify that peak VDS does not exceed
530 V at lowest input voltage and maximum overload output
power. Maximum overload output power occurs when the
output is overloaded to a level just above the highest rated load
or before the power supply output voltage starts falling out of
regulation. Additional external snubbers should be used if this
voltage is exceeded. In most designs, addition of a ceramic
capacitor in the range of 33 pF and 100 pF connected across the
PFC output diode will reduce the maximum drain-source voltage
to a level below the BV
DSS rating. When measuring drain-source
voltage of the MOSFET, a high-voltage probe should be used.
When the probe tip is removed, a silver ring in the vicinity of the
probe tip can be seen. This ring is at ground potential and the
best ground connection point for making noise free measure-
ments. Wrapping stiff wire around the ground ring and then
connecting that ground wire into the circuit with the shortest
possible wire length, and connecting the probe tip to the point
being measured, ensures error free measurement. Probe should
be compensated according to probe manufacturer’s guidelines to
ensure error-free measurement.
2. Maximum drain current – Drain current can be measured
indirectly by monitoring inductor current. A current probe
should be inserted between the bridge rectifier and inductor
connection. At maximum ambient temperature, minimum input
voltage and maximum output load, verify drain current wave-
forms at start-up for any signs of inductor saturation. When
performing this measurement with Sendust inductor, it is typical
to see inductor wave-forms that show exponential increase in
current due to permeability drop. This should not be confused
with hard saturation.
3. Thermal check – At maximum output power, minimum input
voltage and maximum ambient temperature; verify that
temperature specifications are not exceeded for the HiperPFS-3,
PFC inductor, output diodes and output capacitors. Enough
thermal margin should be allowed for the part-to-part variation
of the R
DS(ON) of HiperPFS-3, as specified in the data sheet. A
maximum package temperature of 100 °C is recommended to
allow for these variations.
4. Input PF should improve with load, if performance is found to
progressively deteriorate with loading, it is a sign of possible
noise pick-up by the VOLTAGE MONITOR pin circuit or the
feedback divider network and the compensation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com