Electronic Components Datasheet Search
  English  ▼

X  

TFS7706H Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TFS7706H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7706H Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TFS7706H Datasheet HTML 1Page - Power Integrations, Inc. TFS7706H Datasheet HTML 2Page - Power Integrations, Inc. TFS7706H Datasheet HTML 3Page - Power Integrations, Inc. TFS7706H Datasheet HTML 4Page - Power Integrations, Inc. TFS7706H Datasheet HTML 5Page - Power Integrations, Inc. TFS7706H Datasheet HTML 6Page - Power Integrations, Inc. TFS7706H Datasheet HTML 7Page - Power Integrations, Inc. TFS7706H Datasheet HTML 8Page - Power Integrations, Inc. TFS7706H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Rev. B 04/15
4
TFS7701-7708
www.power.com
Table 2.
Summary of Differences Between HiperTFS-2 and Other Typical High Power Supplies.
Function
Typical Two-Switch
Forward
HiperTFS-2
Advantages of HiperTFS-2
Nominal Duty Cycle
33%
45%
Wider duty cycle reduces RMS switch currents by 17%.
Reduces R
DS(ON) losses by 31%
Maximum Duty Cycle
<50%
63%
Switch Current (RMS)
100%
83%
Output Catch Diode
Voltage Rating
100%
79%
Lower losses. Wider D
MAX lowers catch diode rating by
V
O + VD/DMAX reduction in catch diode voltage rating
Clamp Voltage
Reset diodes from zero
to V
IN
Reset from zero to
(V
IN + 130 V)
With fast/slow diode combination, allows charge
recovery to limit high-side MOSFET C
OSS loss
Thermal Shutdown
---
118 °C Shutdown /
55 °C Hysteresis
HiperTFS-2 provides integrated OTP device protection
Current Sense Resistor
0.5 V drop
(0.33
W at 300 W)
No sense resistor
Improved efficiency. MOSFET R
DS(ON) sense eliminates
need for sense resistor
High-Side Drive
Requires gate-drive
transformer (high-cost)
Built-in high-side drive
Lower cost; component elimination. Removes
high-cost gate-drive transformer (EE10 or toroid)
Component Count
Higher
Lower
Saves up to 30 components, depending on specification.
TinySwitch Overload Power
Compensation vs. Input Voltage
---
Built-in compensation
Safer design; easier to design power supply. Flattens
standby overload output power versus line voltages
Package PC Board
Creepage
TO-220 = 1.17 mm
eSIP16/12 = 2.3 mm
HiperTFS-2 meets functional safety spacing at
package pins
Package Assembly
2 × TO-220 package,
2 × SIL (insulation),
1 main controller,
1 standby controller
1 Package
No SIL (insulation) pad required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com