Electronic Components Datasheet Search
  English  ▼

X  

TFS7707H Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TFS7707H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7707H Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TFS7707H Datasheet HTML 9Page - Power Integrations, Inc. TFS7707H Datasheet HTML 10Page - Power Integrations, Inc. TFS7707H Datasheet HTML 11Page - Power Integrations, Inc. TFS7707H Datasheet HTML 12Page - Power Integrations, Inc. TFS7707H Datasheet HTML 13Page - Power Integrations, Inc. TFS7707H Datasheet HTML 14Page - Power Integrations, Inc. TFS7707H Datasheet HTML 15Page - Power Integrations, Inc. TFS7707H Datasheet HTML 16Page - Power Integrations, Inc. TFS7707H Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Rev. B 04/15
13
TFS7701-7708
www.power.com
shunt regulator, which will be enabled if the BYPASS pin voltage
is externally driven above 5.7 V. The BYPASS pin shunt current
is used for two functions:
1. First, a 4 mA threshold (I
BP(ON)) for main remote-on. When the
BYPASS pin current exceeds this threshold, the main is
enabled.
2. Second a 15 mA threshold (I
BP(SD))for standby secondary OVP
latch-off. When the BYPASS pin current exceeds this
threshold, the standby and main converters are latched-off.
This latch can be reset by pulling the LINE-SENSE pin below
the line undervoltage threshold (I
L(SB-UVOFF)), or by discharging
the BYPASS pin below 4.7 V.
Main and Standby Line Overvoltage Detection (OV)
The overvoltage threshold is included in the device, and can be
used to disable the device during overvoltage (with the use of
an additional external signal Zener). The overvoltage threshold
is set sufficiently high to prevent accidental triggering during
boost PFC overshoot conditions. When the overvoltage
condition is triggered, it will simultaneously shutdown both the
main and standby. The overvoltage feature is intended for use
with external components (circuitry), to program the overvoltage
threshold independently of the undervoltage thresholds (see the
Applications section for details).
High-Power eSIP Package
The HiperTFS-2 package is designed to minimize the physical
size of the device, while maintaining a low thermal resistance
and sufficient electrical spacing for the pins. The package has
12 functional pins with 4 pins removed for increased pin-to-pin
spacing between high-voltage pins. The low-side two-switch
forward and flyback MOSFETs have a thermal resistance of less
than 1 °C/W to the exposed pad on the back of the package.
Since this pad is referenced to the SOURCE pin (Source), it is at
electrical ground potential and thus can be connected to the
heat sink without need for electrical insulation. The high-side
MOSFET is over-molded to achieve electrical isolation and thus
also allows direct connection to the heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com