Electronic Components Datasheet Search
  English  ▼

X  

CAS11D28 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CAS11D28
Description  11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS11D28 Datasheet(HTML) 1 Page - Sumida Corporation

  CAS11D28 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transponder RX antenna< SMD Type: CAS Series>
Type: CAS11D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
MAX.11.6
8.6
MAX.2.95
12.0
8.5
◆
Product Description
・
11.6×3.5mm Max.(L×W),2.95mm Max. Height.
・
Operating temperature: -40℃~+85℃.
・
Encapsulated core and winding for high mechanical performance.
◆
Feature
・
LF transponder receiver antenna.
・
Ideally used in keyless smart entry system.
・
RoHS Compliance.
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics(Bottom)
◆
Specification
(2-1)
Measuring conditions
Inductance
7.2mH±3% Within
125kHz,1V
Unloaded Q
MIN. 40
125kHz,1V
D
.C.R.
55Ω(Ref.)
at
25℃
1
2
“S” is winding start.


Similar Part No. - CAS11D28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
LF Receiver Antenna
CAS11D23-232 SUMIDA-CAS11D23-232 Datasheet
49Kb / 2P
LF Receiver Antenna
CAS11D23-342 SUMIDA-CAS11D23-342 Datasheet
49Kb / 2P
LF Receiver Antenna
CAS11D23-472 SUMIDA-CAS11D23-472 Datasheet
49Kb / 2P
LF Receiver Antenna
More results

Similar Description - CAS11D28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
CAS143 SUMIDA-CAS143 Datasheet
89Kb / 1P
11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
CAS113 SUMIDA-CAS113 Datasheet
84Kb / 1P
11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
BM-6N SUMIDA-BM-6N Datasheet
220Kb / 1P
6.5횞6.5mm Max.(L횞W),5.5mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
BM8090N SUMIDA-BM8090N Datasheet
213Kb / 1P
7.3횞7.3mm Max.(L횞W),7.5mm Max. Height
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com