Electronic Components Datasheet Search
  English  ▼

X  

IP5108 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP5108
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5108 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5108 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5108 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
3 / 14
Copyright © 2014, Injoinic Corp.
4 Pin definition
VIN
LED2
VOUT
SW
BAT
KEY
LED1
1
2
3
4
5
6
7
8
eSOP8
power
PAD
LED3
Figure 2 IP5305T Pin Diagram
Pin name
Pin number
Pin description
VIN
1
DC5V input pin
LED1
2
LED drive pin1
LED2
3
LED drive pin2
LED3
4
LED drive pin3
KEY
5
Input key pin
BAT
6
Battery pin, connect to Li+ battery.
SW
7
DCDC switch node
VOUT
8
Boost 5V output PIN
PowerPAD
Connecte to GND
5 Silk screen description
TOP Marking
Injoinic Logo
IP5305
LLLLLLLLT
IP5305: Part Number
LLLLLLLL: Lot ID
Notes:
T: Combined with
IP5305 to IP5305T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com