Electronic Components Datasheet Search
  English  ▼

X  

IP5306 Datasheet(PDF) 16 Page - Injoinic Technology Co.,Ltd.

Part # IP5306
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5306 Datasheet(HTML) 16 Page - Injoinic Technology Co.,Ltd.

Back Button IP5306 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
16 / 28
Copyright © 2015, Injoinic Corp.
Coulombmeter and battery level display
Built-in coulombmeter support battery capacity calculation without measuring the current on the
BAT pin.
IP5328P support 1/2/3/4 LED display solution, by internal intelligent algorithm, the LED applied
outside can be distinguished by IP5328P.
L3
L2
L1
L3
L2
L1
L3
L2
L1
RSET
RSET
RSET
RSET
VSET
RSET
VSET
10k
VSET
RSET
4 LED mode
3 LED mode
2 LED mode 1
VREG
L3
L2
L1
RSET
VSET
RSET
2 LED mode 2
VREG
10k
10k
L3
L2
L1
RSET
10k
VSET
RSET
1 LED mode 1
10k
D1
D2
D3
D4
D1
D2
D3
D1
D2
D1
D2
Figure 4 1/2/3/4 LED circuit
4 LED display:
During charging:
Battery capacity (C) (%)
D1
D2
D3
D4
Fully charged
ON
ON
ON
ON
75%≤C
ON
ON
ON
1.5Hz Flash
50%≤C<75%
ON
ON
1.5Hz Flash
OFF
25%≤C<50%
ON
1.5Hz Flash
OFF
OFF
C<25%
1.5Hz Flash
OFF
OFF
OFF
During discharging:
Battery capacity (C) (%)
D1
D2
D3
D4
C≥75%
ON
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com