Electronic Components Datasheet Search
  English  ▼

X  

IP5207T Datasheet(PDF) 13 Page - Injoinic Technology Co.,Ltd.

Part # IP5207T
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5207T Datasheet(HTML) 13 Page - Injoinic Technology Co.,Ltd.

Back Button IP5207T Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5207T Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
13 / 28
Copyright © 2015, Injoinic Corp.
If the power bank is to charge for the phone, when IP5328P enter discharge mode, it will detect the fast
charge type and request on DP, DM, which support fast charge for devices of QC2.0/QC3.0, FCP, AFC, SFCP, MTK,
and Apple 2.4A mode, Samsung 2.0A mode and BC1.2 1.0A mode.
For Apple 2.4A mode: DP=DM=2.7V
For Samsung 2.0A mode: DP=DM=1.2V
For BC1.2 1.0A mode: DP short to DM
Under BC1.2 mode, when the DP voltage is detected in the range of 2V~0.325V for 1.25s, fast charge will be
initially determined, then the short status between DP and DM will be disconnected, and DM pull-down 20kOhm
to GND at the same time. After which, if in the following 2ms the DP voltage is in range of 2V~0.325V and DM
lower than 0.325V, fast charge handshake is accomplished successfully. Then QC2.0/QC3.0 device can request for
desired voltage according to the QC standards. Any time DP lower than 0.325V will force to exit the fast charge
mode, the ouput voltage will fall back to default 5V.
QC2.0/QC3.0 output voltage request rule:
DP
DM
Result
0.6V
GND
5V
3.3V
0.6V
9V
0.6V
0.6V
12V
0.6V
3.3V
Continuous Mode
3.3V
3.3V
sustain
Continuous mode is supported by QC3.0, voltage can be adjusted by 0.2V/step according to QC3.0 request
under the continues mode.
Charge and Discharge Path Management
Standby:
If VIN or VBUS is attached to charge will start the charging process directly.
If USB C UFP device is attached on VBUS or sink device is attached on VOUT port, will start discharge function
automatically.
If key is pressed, whether or not load is on VOUT1 port, VOUT1 port output will be force to open; but the
VOUT2 and USB C port will open only when load is detected on the according port, or the output on these port
will be closed. So VOUT1 must be retained if only one VOUT port is needed, if VOUT2 or VBUS is not needed,
MOSFET can be eliminated, but the 10uF capacitor should be retained.
Discharge:
If key not pressed, only when sink device attached will the output port open, non-attached output port will
not open. If the opened output port current is less than 180mA @ 10mOhm, it will wait for a period of time before
close the port automatically. The output current is detected by the voltage drop between VSN to output, 180mA
current is equivalent to 1.8mV on 10mOhm, when the resistance (including MOSFET internal resistance) between
VSN and ouput is larger than 10mOhm, the current threshold will be decreased proportionally.
When only VOUT1 port opened, single short press on key do not take any effect; when VOUT2 or USB C is
opened and in non-fast charge mode, single short press on key will force to open VOUT1 port; when VOUT2 or
USB C is opened and in fast charge mode, the first single short press on key will force to close the fast charge on
VOUT2 or USB C port, the second short press on key will force to open VOUT1 port, the time interval between the
first and second short press should be longer than 1 second, otherwise will force to shut down the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com