Electronic Components Datasheet Search
  English  ▼

X  

3200519 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200519
Description  AI 0,75- 8 GY - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200519 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200519 Datasheet HTML 1Page - PHOENIX CONTACT 3200519 Datasheet HTML 2Page - PHOENIX CONTACT 3200519 Datasheet HTML 3Page - PHOENIX CONTACT 3200519 Datasheet HTML 4Page - PHOENIX CONTACT 3200519 Datasheet HTML 5Page - PHOENIX CONTACT 3200519 Datasheet HTML 6Page - PHOENIX CONTACT 3200519 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 8 mm, sleeve length: 14 mm, color: gray
Your advantages
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
Commercial data
Item number
3200519
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918094126
Weight per piece (including packing)
0.093 g
Weight per piece (excluding packing)
0.093 g
Customs tariff number
85369010
Country of origin
DE
AI 0,75- 8 GY - Ferrule
3200519
https://www.phoenixcontact.com/us/products/3200519
Sep 5, 2025, 12:26AM
Page 1 (7)


Similar Part No. - 3200519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200519 PHOENIX-3200519 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200105 PHOENIX-1200105 Datasheet
62Kb / 2P
Ferrule - AI 0,75-8 GY S1
1200163 PHOENIX-1200163 Datasheet
64Kb / 3P
Ferrule - AI 0,75- 8 BU S1
1200164 PHOENIX-1200164 Datasheet
56Kb / 2P
Ferrule - AI 2,5-8 GY S1
12/18/2019
1208979 PHOENIX-1208979 Datasheet
58Kb / 3P
Ferrule - AI 0,75- 8 GY-GB
1213200 PHOENIX-1213200 Datasheet
58Kb / 2P
Ferrule - AI 0,75- 8 BU -1000
3201550 PHOENIX-3201550 Datasheet
68Kb / 3P
Ferrule - AI 2,5 - 8 GY-B
3201576 PHOENIX-3201576 Datasheet
101Kb / 3P
AI 0,75- 8 WH-B
3240543 PHOENIX-3240543 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,75-8 GY
3240664 PHOENIX-3240664 Datasheet
68Kb / 3P
Ferrule - AI 0,75-8 GY-B 3000
3240677 PHOENIX-3240677 Datasheet
66Kb / 3P
Ferrule - AI 0,75-8 WH-B 3000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com