Electronic Components Datasheet Search
  English  ▼

X  

GL3220 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL3220
Description  USB 3.0 Multi-LUN Memory Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3220 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL3220 Datasheet HTML 9Page - GENESYS LOGIC GL3220 Datasheet HTML 10Page - GENESYS LOGIC GL3220 Datasheet HTML 11Page - GENESYS LOGIC GL3220 Datasheet HTML 12Page - GENESYS LOGIC GL3220 Datasheet HTML 13Page - GENESYS LOGIC GL3220 Datasheet HTML 14Page - GENESYS LOGIC GL3220 Datasheet HTML 15Page - GENESYS LOGIC GL3220 Datasheet HTML 16Page - GENESYS LOGIC GL3220 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GL3220 Datasheet
© 2016 Genesys Logic, Inc. - All rights reserved.
Page 13
GLI Confidential
4.4 MCU
8051 micro-controller inside.
 8051 Core
Compliant with Intel 8051 high speed micro-controller
 ROM
Firmware code on ROM
 SRAM
Internal RAM area for MCU access
4.5 MHE (Media Hardware Engine)
Media Interface: CF/xD/SD/MMC/MS/MS PRO/MS PRO-HG
4.6 Regulator
 5V to 3.3V
3.3V Power Source
 3.3V to 1.2V
1.8V Power Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com