Electronic Components Datasheet Search
  English  ▼

X  

ISO5125I Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # ISO5125I
Description  High-Voltage Insulated DC/DC Power Supply for SCALE™-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

ISO5125I Datasheet(HTML) 4 Page - Power Integrations, Inc.

  ISO5125I Datasheet HTML 1Page - Power Integrations, Inc. ISO5125I Datasheet HTML 2Page - Power Integrations, Inc. ISO5125I Datasheet HTML 3Page - Power Integrations, Inc. ISO5125I Datasheet HTML 4Page - Power Integrations, Inc. ISO5125I Datasheet HTML 5Page - Power Integrations, Inc. ISO5125I Datasheet HTML 6Page - Power Integrations, Inc. ISO5125I Datasheet HTML 7Page - Power Integrations, Inc. ISO5125I Datasheet HTML 8Page - Power Integrations, Inc. ISO5125I Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISO5125I
Data Sheet
www.power.com/gate-driver
Page 4
Recommended Cables
The following cables for the X0 and X1 interfaces are recommended and may be ordered from Power
Integrations:
Accessories
Interface
Length/Type
Power Integrations Ordering Number
Cable (Input, 3-pin)
X0
100cm
MBC31-100-0
Cable (Output, 4-pin)
X1
35cm
MBC41-035-0
Cable (Output, 4-pin)
X1
45cm
MBC41-045-0
Cable (Output, 4-pin)
X1
70cm
MBC41-070-0
Cable (Output, 4-pin)
X1
110cm
MBC41-110-0
Refer to www.power.com/gate-driver/go/ext_erni for more information
All cables are delivered with straight plugs on both sides.
Please note that the interface cable X1 carries high potential. The voltage rating of the
recommended cables is only 300V. They must therefore be isolated. The user is fully responsible
for providing adequate isolation to the delivered cables.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com