Electronic Components Datasheet Search
  English  ▼

X  

1445 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1445
Description  Black Nylon Slit Loom Tubing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1445 Datasheet(HTML) 1 Page - Multicomp Pro

  1445 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/06/20
Black Nylon Slit
Loom Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
A
B
Specifications
Sleeving / Tubing Type
: Slit Loom
Sleeving Material
: Nylon
Sleeving Colour
: Black
For Use With
: Wire Harnessing
Body Material
: Nylon
Colour
: Black
Temperature Rating
: -40°F to +300°F
Description
A ± 0.015
(Inches)
B ± 0.015
(Inches)
Part Number
1/4" Black Nylon Slit Loom - 100ꞌ spool
0.258
0.389
1441
3/8" Black Nylon Slit Loom - 100ꞌ spool
0.363
0.507
1442
1/2" Black Nylon Slit Loom - 100ꞌ spool
0.493
0.678
1443
5/8" Black Nylon Slit Loom - 50ꞌ spool
0.613
0.817
1444
3/4" Black Nylon Slit Loom - 50ꞌ spool
0.739
0.966
1445
1" Black Nylon Slit Loom - 50ꞌ spool
0.991
1.274
1446
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - 1445

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1445 VISHAY-1445 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
08-Mar-05
logo
CEE Norm UK Ltd
1445 CEENORM-1445 Datasheet
1Mb / 4P
Socket Outlets
logo
TE Connectivity Ltd
1445022 TEC-1445022 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
1445022 TEC-1445022 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
1445022-2 TEC-1445022-2 Datasheet
382Kb / 2P
RECEPTACLE HOUSING, 2 TO 12 POSITION, SINGLE ROW, MICRO MATE-L-LOK(TM)
More results

Similar Description - 1445

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SHR-05-6NB RICHCO-SHR-05-6NB Datasheet
59Kb / 1P
SLIT HARNESS WRAP
logo
Glenair, Inc.
600-180 GLENAIR-600-180 Datasheet
178Kb / 1P
Wire Loom Tool For Use With Split 120-144 Tubing
logo
List of Unclassifed Man...
561-SL250PE ETC2-561-SL250PE Datasheet
222Kb / 2P
Split Loom Tubing
561-SL250PERD ETC2-561-SL250PERD Datasheet
162Kb / 1P
Colored Split Loom Tubing
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
Horizontal slit/
logo
OEN India Limited
04-SLPE2500 OENINDIA-04-SLPE2500 Datasheet
1Mb / 2P
Split Loom
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
logo
Heyco.
1635B HEYCO-1635B Datasheet
112Kb / 1P
Heyco-Flex™ V Nylon Slit Tubing
F8400 HEYCO-F8400 Datasheet
101Kb / 1P
Heyco® Nylon Corrugated Conduit/Tubing - HPAS Series
F8902 HEYCO-F8902 Datasheet
201Kb / 1P
Heyco® Nylon Corrugated Conduit/Tubing Mounting Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com