Electronic Components Datasheet Search
  English  ▼

X  

SS12L Datasheet(PDF) 3 Page - Multicomp Pro

Part # SS12L
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SS12L Datasheet(HTML) 3 Page - Multicomp Pro

  SS12L Datasheet HTML 1Page - Multicomp Pro SS12L Datasheet HTML 2Page - Multicomp Pro SS12L Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
16/12/21
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Schottky Barrier Rectifier, 1A, 20V, SOD-123FL
MP008597
Schottky Barrier Rectifier, 1A, 30V, SOD-123FL
MP008598
Schottky Barrier Rectifier, 1A, 40V, SOD-123FL
MP008599
Schottky Barrier Rectifier, 1A, 50V, SOD-123FL
MP008600
Schottky Barrier Rectifier, 1A, 60V, SOD-123FL
MP008601
Schottky Barrier Rectifier, 1A, 70V, SOD-123FL
MP008602
Schottky Barrier Rectifier, 1A, 80V, SOD-123FL
MP008603
Schottky Barrier Rectifier, 1A, 90V, SOD-123FL
MP008604
Schottky Barrier Rectifier, 1A, 100V, SOD-123FL
MP008605
Schottky Barrier Rectifier, 1A, 150V, SOD-123FL
MP008606
Schottky Barrier Rectifier, 1A, 200V, SOD-123FL
MP008607
Package Dimensions
SOD-123FL
Dimensions : Millimetres



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com